Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2 Datasheet(PDF) 6 Page - AZ Displays

Part # PD064VT2
Description  This product applies computer peripheral, industrial meter, image communication, web-pad, e-boobs and multi-media
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD064VT2 Datasheet HTML 2Page - AZ Displays PD064VT2 Datasheet HTML 3Page - AZ Displays PD064VT2 Datasheet HTML 4Page - AZ Displays PD064VT2 Datasheet HTML 5Page - AZ Displays PD064VT2 Datasheet HTML 6Page - AZ Displays PD064VT2 Datasheet HTML 7Page - AZ Displays PD064VT2 Datasheet HTML 8Page - AZ Displays PD064VT2 Datasheet HTML 9Page - AZ Displays PD064VT2 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:6
5. Input / Output Terminals
5-1) TFT-LCD Panel Driving
Connector (1) type : ELCO , 6210-30PIN
Pin No.
Symbol
Function
Remark
1
CLK
Clock Signal for Sampling Image Digital Data
2
Hsync
Horizontal Synchronous Signal
3
Vsync
Vertical Synchronous Signal
4
GND
Ground (0V)
5
R0
Red
Image Data Signal (LSB)
6
R1
Red
Image Data Signal
7
R2
Red
Image Data Signal
8
R3
Red
Image Data Signal
9
R4
Red
Image Data Signal
10
R5
Red
Image Data Signal (MSB)
11
GND
Ground (0V)
12
G0
Green
Image Data Signal (LSB)
13
G1
Green
Image Data Signal
14
G2
Green
Image Data Signal
15
G3
Green
Image Data Signal
16
G4
Green
Image Data Signal
17
G5
Green
Image Data Signal (MSB)
18
GND
Ground (0V)
19
B0
Blue
Image Data Signal (LSB)
20
B1
Blue
Image Data Signal
21
B2
Blue
Image Data Signal
22
B3
Blue
Image Data Signal
23
B4
Blue
Image Data Signal
24
B5
Blue
Image Data Signal (MSB)
25
GND
Ground (0V)
26
NC
No connection
27
VCC
DC +3.3V Power Supply
28
VCC
DC +3.3V Power Supply
29
NC
No connection
30
NC
No connection
5-2) Backlight driving
Pin No
Symbol
Description
Remark
1
VL1
Input terminal (Hi voltage side)
Wire color : Pink
2
NC
No Connection
3
VL2
Input terminal (Low voltage side)
Wire Color : White
Note 5-1
Note 5-1 : Low voltage side of backlight inverter connects with ground of inverter circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com