Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2 Datasheet(PDF) 7 Page - AZ Displays

Part # PD064VT2
Description  This product applies computer peripheral, industrial meter, image communication, web-pad, e-boobs and multi-media
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD064VT2 Datasheet HTML 3Page - AZ Displays PD064VT2 Datasheet HTML 4Page - AZ Displays PD064VT2 Datasheet HTML 5Page - AZ Displays PD064VT2 Datasheet HTML 6Page - AZ Displays PD064VT2 Datasheet HTML 7Page - AZ Displays PD064VT2 Datasheet HTML 8Page - AZ Displays PD064VT2 Datasheet HTML 9Page - AZ Displays PD064VT2 Datasheet HTML 10Page - AZ Displays PD064VT2 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:7
5-3) Input / Output Connector
A)
LCD module connector
ELCO , 6210-30PIN
Down Connector
Pin No. : 30
Pitch : 0.5 mm
B)
Backlight Connector
JST BHR-03VS-1
Pin No. : 3
Pitch : 4 mm
Red : High Voltage
White : Low Voltage
6. Absolute Maximum Ratings :
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
+3.3V Supply Voltage
VCC
-0.3
+4.0
V
Input Signals Voltage
Vsig
-0.3
VCC+0.3
V
Note 6-1
Storage Temperature
Tstg
-20
+70
Note 6-2
Operating Temperature
Topa
-0
+60
Note 6-1 : Input signals include CLK, Hsync, Vsync, R[0:5], G[0:5] and B[0:5].
Note 6-2 : Humidity : 95% RH Max. at Ta
≦ 40℃.
Maximum wet-bulb temperature is at 39 ℃ or less at Ta > 40 ℃.
No condensation.
7. Electrical Characteristics
7-1) Recommended Operating Conditions :
A) Driving for TFT-LCD panel
GND = 0V, Ta = 25 ℃
Parameters
Symbol
Min.
Typ.
Max.
Unit
Remark
+3.3V Supply Voltage
VCC
+3.15
+3.3
+3.6
V
Supply Input Ripple Voltage
VCCRP
0.1
Vp-p
VCC=+3.3V
Input Signals Voltage (High)
VIH
+3.0
+3.3
+3.6
V
Input Signals Voltage (Low)
VIL
-
0
+0.3
V
B) Driving for backlight
Ta = 25 ℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp Current
IL
35
7
mA
Lamp Voltage
VL
350
390
420
Vrms
Oscillation
PL
45
64
80
KHz
Lamp Life Time
-
20,000
-
Hr
Kick-off voltage(25℃)
Vs
-
845
1,050
Vrms
Kick-off voltage(0℃)
Vs
-
1,045
1,250
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com