Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-GET-TR Datasheet(PDF) 2 Page - THOR communications

Part # F-GET-TR
Description  Gigabit 1000Base-T to SX/LX Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-GET-TR Datasheet(HTML) 2 Page - THOR communications

  F-GET-TR Datasheet HTML 1Page - THOR communications F-GET-TR Datasheet HTML 2Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-GET-TR
Gigabit 1000Base-T to SX/LX Converter
Specifications:
Standards:
Connector:
Max. Distance:
Unit LED:
IEEE 802.3ab 1000Base-T
IEEE 802.3z 1000Base-SX/LX
1 x RJ-45
1 x Fiber (SC)
UTP: 100 meters (Cat. 5)
Fiber: up to 80km (single-mode)
PWR: Illuminated for normal operation
FD: Illuminated when working in full
duplex mode
LNK: Illuminated when receiving link
pulses from compliant devices
RCV: Illuminated or flashing when data
packets are being transmitted /
received
MDI/MDI-X
Power:
Temperature:
Humidity:
Emissions:
Dimensions:
Weight:
Dip Switches:
Auto Selection
Power Input: 12V DC @ 0.8A, external
power supply adapter
Frequency: 47Hz to 63Hz
Operating: 0°C to 50°C
Storage: -20°C to 70°C
Operating: 10% to 80% RH
Storage: 5% to 90% RH
FCC Part 15 of Class A & CE approved
109.2 x 73.8 x 23.4mm (D x W x H)
160g
DIP 1 – LLBK: Copper port local loop
back Enable or Disable (On: Enable
Off:
Disable)
DIP 1 –RLBK: Fiber port remote loop
back Enable or Disable (On: Enable
Off:
Disable)
Applications:
The following illustrates typical applications for the
F-GET-TR series. The actual distances will depend on
several factors including the quality of cables used and the
terminal equiepment employed.
Ordering Information:
F-GET-TR-MM:
Gigabit 1000Base-T to SX Multi-mode Converter (SC
Connector)
F-GET-TR-SM-10/40/80 (km):
Gigabit 1000Base-T to LX Single Mode Converter (SC
Connector)
* Converters are also available for different long haul
distance upon request, contact for availability.
F-GET-TR-SMS-20/40/60 (km):
Gigabit 1000Base-T to LX Single Fiber Converter,
Transmitter (TX1310nm/RX1550nm, SC Connector)
F-GET-TR-SM-SF-20/40/60 (km):Singl e f ib er Transceiv er
Gigabit 1000Base-T to LX Single Fiber Converter,
Receiver (TX1550nm/RX1310nm, SC Connector)
* WDM Single Fiber Converters must be installed with
Transmitter and Receiver in pairs.
Specifications subject to change without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com