Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-GET-TR Datasheet(PDF) 1 Page - THOR communications

Part # F-GET-TR
Description  Gigabit 1000Base-T to SX/LX Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-GET-TR Datasheet(HTML) 1 Page - THOR communications

  F-GET-TR Datasheet HTML 1Page - THOR communications F-GET-TR Datasheet HTML 2Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-GET-TR
Gigabit 1000Base-T to SX/LX Converter
Product Introduction & Benefits
The F-GET-TF media converters were
specifically
designed
to
offer
network
designers the tools for migration from
copper based Gigabit to fiber based
Gigabit
Ethernet.
Now,
migration
or
expansion of existing networks can be
achieved
with
minimum
cost
and
complexity. The converters are completely
transparent when installed so the network
performs exactly the way it would do
normally-only now, it can migrate both
copper and fiber mediums.
This flexibility in cabling allows network
managers to put fiber cables anywhere
with in a network without changing the arrangement of copper based Gigabit segments. Their compact size allows the
converter to be easily deployed in any narrow desktop location or used in wall-mount installation to save space. Several
converters can be simultaneously installed by using the F-CHAS 12-slot 19" rack-mount chassis,
rack-mount converter chassis.
The F-GET-TR takes advantage of Gigabit Ethernet technology,suitable for transmission applications of larger bandwidth
like Video, Image, and Voice over IP.
Main Features:
Complies with IEEE 802.3ab 1000Base-T and IEEE 802.3z 1000Base-SX/LX standard
Auto MDI/MDI-X support on RJ-45 port
Auto polarity correction on RJ-45 port
Local and Remote loopback test for first time installation and troubleshooting
Low power consumption
Extends distances up to 220m for multi-mode SX (80km with long haul single mode) under full duplex mode
Compatible with other Gigabit 1000Base-T/SX/LX devices
Status LEDs for easy monitoring of device status
External power supply
Chassis compliant (internal power supply)
FCC Class A & CE approved


Similar Part No. - F-GET-TR

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-GPSF THOR-F-GPSF Datasheet
767Kb / 1P
The F-GPSF fiber link is a transmitter and receiver pair used to transmit the RF Carrier signal from a GPS antenna to a remote location up to 10 Km
More results

Similar Description - F-GET-TR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
1000BASE-T to 1000BASE-SX/LX media converter
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
logo
WAGO Kontakttechnik Gmb...
852-1505 WAGO-852-1505 Datasheet
750Kb / 7P
Industrial-Managed-Switch; 8-Port 1000BASE-T; 4-Slot 1000BASE-SX/LX;
852-1417 WAGO-852-1417 Datasheet
360Kb / 7P
Industrial-ECO-Switch; 5-port 1000Base-T; 2-Slot 1000BASE-SX/LX;
852-1305-000-001 WAGO-852-1305-000-001 Datasheet
594Kb / 8P
Industrial-Managed-Switch; 8-Port 1000BASE-T; 4-Slot 1000BASE-SX/LX
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com