Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3244 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C3244
Description  2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3244 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C3244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3244 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8149B
12/10/99
VCC
BE1
120
BE2
219
1
B0
1
A0
318
2
A3
2
B3
417
1
B1
1
A1
516
2
A2
2
B2
615
1
B2
1
A2
714
2
A1
2
B1
813
1
B3
1
A3
912
2
A0
2
B0
10
11
GND
Product Description
PericomSemiconductor’sPI3Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3C3244 features a set of 2.5V or 3.3V 8-bit bus switches,
which is a pinout and function compatible with the P74FCT244T,
74F244, and 74ALS/AS/LS2448-bit drivers. Two enable signals
(BEn) turn the switches on similar to the enable signals of the 244.
The bus switch create no additional propagation delay or ground
bounce noise. It is very useful in switching signals that have high
bandwidth(>400MHz).
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Logic Block Diagram
Product Pin Description
Pin Name
Description
BEn
Bus Enable Input (Active LOW)
A0–7
Bus A
B0–7
Bus B
GND
Ground
VCC
Power
Product Pin Configuration
PI3C3244
2.5V/3.3V, High Bandwidth, Hot Insertion,
8-Bit, 2-Port Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• Near zero propagation delay
• HighBandwidth(>400MHz)
• Rail-to-Rail3.3Vor2.5VSwitching
• 5VI/OTolerant
• 2.5VSupplyVoltageOperation
• Permits Hot Insertion
• Pin compatible with 74 series 244 logic devices
• Packagesavailable:
–20-pin150milwideplasticQSOP(Q)
–20-pin173milwideplasticTSSOP(L)
20-Pin
L,Q
1
E
B2
E
BB
1
,
A
1B
2
,
A
2
HH
t
c
e
n
n
o
c
si
Dt
c
e
n
n
o
c
si
D
LH
B
1
=
A
1t
c
e
n
n
o
c
si
D
HL
t
c
e
n
n
o
c
si
DB
2
=
A
2
LL
B
1
=
A
1B
2
=
A
2
*-
*-
*
*
)
)
*
*
)!
)
*
*
)
)
*!
*
)!
)


Similar Part No. - PI3C3244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245LE PERICOM-PI3C3245LE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245Q PERICOM-PI3C3245Q Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C3244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245_11 Datasheet
616Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com