Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5030 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5030 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5030 Datasheet HTML 1Page - National Semiconductor (TI) LM5030 Datasheet HTML 2Page - National Semiconductor (TI) LM5030 Datasheet HTML 3Page - National Semiconductor (TI) LM5030 Datasheet HTML 4Page - National Semiconductor (TI) LM5030 Datasheet HTML 5Page - National Semiconductor (TI) LM5030 Datasheet HTML 6Page - National Semiconductor (TI) LM5030 Datasheet HTML 7Page - National Semiconductor (TI) LM5030 Datasheet HTML 8Page - National Semiconductor (TI) LM5030 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Description
Pin Name
Pin
Number
Description
Application Information
V
IN
1
Source Input Voltage
Input to start-up regulator. Input range 14 to 100 Volts.
V
FB
2
Inverting input to the error amplifier The non-inverting input is internally connected to a 1.25 Volt
reference.
COMP
3
Output to the error amplifier
There is an internal 5K resistor pull-up on this pin. The error
amplifier provides an active sink.
Vcc
4
Output from the internal high
voltage series pass regulator. The
regulation setpoint is 7.7 Volts.
If an auxiliary winding raises the voltage on this pin above the
regulation setpoint the internal series pass regulator will
shutdown, reducing the IC power dissipation.
OUT1
5
Output of the PWM controller
Alternating PWM output gate driver.
OUT2
6
Output of the PWM controller
Alternating PWM output gate driver.
GND
7
Return
Ground
CS
8
Current sense input
Current sense input for current mode control and current limit
sensing. Using separate dedicated comparators, if CS exceeds
0.5 Volt the outputs will go into Cycle by Cycle current limit. If CS
exceeds 0.625V the outputs will be disabled and a softstart
commenced.
RT
9
Oscillator timing resistor pin and
synchronization input.
An external resistor sets the oscillator frequency. This pin will
also accept synchronization pulses from an external oscillator.
SS
10
Dual purpose Softstart and
Shutdown pin
A 10µA current source and an external capacitor set the softstart
timing length. The controller will enter a low power state if the SS
pin is pulled below the typical shutdown threshold of 0.45V.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com