Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5030 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5030 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5030 Datasheet HTML 1Page - National Semiconductor (TI) LM5030 Datasheet HTML 2Page - National Semiconductor (TI) LM5030 Datasheet HTML 3Page - National Semiconductor (TI) LM5030 Datasheet HTML 4Page - National Semiconductor (TI) LM5030 Datasheet HTML 5Page - National Semiconductor (TI) LM5030 Datasheet HTML 6Page - National Semiconductor (TI) LM5030 Datasheet HTML 7Page - National Semiconductor (TI) LM5030 Datasheet HTML 8Page - National Semiconductor (TI) LM5030 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM5030
100V Push-Pull Current Mode PWM Controller
General Description
The LM5030 High Voltage PWM controller contains all of the
features needed to implement Push-Pull and Bridge topolo-
gies, using current-mode control in a small 10 pin package.
This device provides two alternating gate driver outputs. The
LM5030 includes a high-voltage start-up regulator that oper-
ates over a wide input range of 14V to 100V. Additional
features include: error amplifier, precision reference, dual
mode current limit, slope compensation, softstart, sync ca-
pability and thermal shutdown. This high speed IC has total
propagation delays less than 100ns and a 1MHz capable
single resistor adjustable oscillator.
Package: MSOP-10 (Contact factory for thermally enhanced
LLP availability).
Features
n
Internal High Voltage Start-up Regulator
n
Single Resistor Oscillator Setting
n
Synchronizable
n
Error Amplifier
n
Precision Reference
n
Adjustable Softstart
n
Dual Mode Over-Current Protection
n
Slope Compensation
n
Direct Optocoupler Interface
n
1.5A Peak Gate Drivers
n
Thermal Shutdown
Applications
n
Telecommunication Power Converters
n
Industrial Power Converters
n
+42V Automotive Systems
Connection Diagram
Top View
20058112
10-Lead MSOP
Ordering Information
Order Number
Package Marking
NSC Package Drawing
Supplies As
LM5030MM
S73B
MUB10A
1000 Units on Tape and Reel
LM5030MMX
S73B
MUB10A
3500 Units on Tape and Reel
August 2003
© 2003 National Semiconductor Corporation
DS200581
www.national.com


Similar Part No. - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5030 TI1-LM5030 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
LM5030 TI2-LM5030 Datasheet
974Kb / 32P
LM5030 100-V Push-Pull Current Mode PWM Controller
REVISED NOVEMBER 2015
logo
National Semiconductor ...
LM5030MM NSC-LM5030MM Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
More results

Similar Description - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
100V Current Mode PWM Controller
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
100V Push-Pull Voltage Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_14 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI-LM5030_15 Datasheet
966Kb / 28P
LM5030 100-V Push-Pull Current Mode PWM Controller
LM5033 TI-LM5033_15 Datasheet
1Mb / 24P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com