Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGHB1.CM-RQRT-27H3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWKAGHB1.CM-RQRT-27H3
Description  SOLERIQ S13
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGHB1.CM-RQRT-27H3 Datasheet(HTML) 1 Page - OSRAM GmbH

  GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 1Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 2Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 3Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 4Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 5Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 6Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 7Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 8Page - OSRAM GmbH GWKAGHB1.CM-RQRT-27H3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2014-12-30
1
2014-12-30
SOLERIQ
® S 13
Datasheet
Version 1.1
GW KAGHB1.CM
The SOLERIQ® S products were specifically designed
for applications requiring large flux packages out of a
compact area.
Die SOLERIQ® S Produkte wurden speziell für
Anwendungen entwickelt, die großen Lichtstrom aus
einer kompakten Fläche benötigen.
Features:
Besondere Merkmale:
• Package: Chip-on-Board
•
Gehäusetyp: Chip-on-Board
• Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
• Color: 2700 K - 4000 K (white)
•
Farbe: 2700 K - 4000 K (weiß)
• CRI: min. 90 ( typ. 95 )
•
CRI: min. 90 ( typ. 95 )
• Luminous Flux: typ. 1660 lm @ 4000 K
•
Lichtstrom: typ. 1660 lm @ 4000 K
• Luminous efficacy: typ. 104 lm/W @ 4000 K
•
Lichtausbeute: typ. 104 lm/W @ 4000 K
Applications
Anwendungen
• Spot lights
•
Spot-Leuchten
• Indoor General Lighting
•
Innen-Allgemeinbeleuchtung
• Shop lighting
•
Ladenbeleuchtung


Similar Part No. - GWKAGHB1.CM-RQRT-27H3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
Indoor General Lighting
GWKAGHB1.EM-RRRU-27H3 OSRAM-GWKAGHB1.EM-RRRU-27H3 Datasheet
704Kb / 18P
Indoor General Lighting
GWKAGHB1.EM-RSRU-30H3 OSRAM-GWKAGHB1.EM-RSRU-30H3 Datasheet
704Kb / 18P
Indoor General Lighting
GWKAGHB1.EM-RTSP-27H3 OSRAM-GWKAGHB1.EM-RTSP-27H3 Datasheet
704Kb / 18P
Indoor General Lighting
GWKAGHB1.EM-RTSP-30H3 OSRAM-GWKAGHB1.EM-RTSP-30H3 Datasheet
704Kb / 18P
Indoor General Lighting
More results

Similar Description - GWKAGHB1.CM-RQRT-27H3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
ams AG
GWCAGJL1.HM AMSCO-GWCAGJL1.HM Datasheet
1Mb / 18P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.1 2023-04-12
GWKAFHB6.CM AMSCO-GWKAFHB6.CM Datasheet
1Mb / 20P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.4 2023-07-11
GWT3LWF1.EM AMSCO-GWT3LWF1.EM Datasheet
1Mb / 16P
The SOLERIQ® L 38 combines high efficacy and a wide beam angle into small footprint ( 32.0mm x 2.2mm), which is ideal choice for all 360° bulb and candle light application.
Version 1.0 2020-08-28
GWKAFJB6.EM AMSCO-GWKAFJB6.EM Datasheet
1Mb / 21P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.4 2023-07-11
GWKANJB6.CM AMSCO-GWKANJB6.CM Datasheet
1Mb / 20P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.3 2023-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com