Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGHB1.EM-RUSQ-40H3 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # GWKAGHB1.EM-RUSQ-40H3
Description  Indoor General Lighting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGHB1.EM-RUSQ-40H3 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 2Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 3Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 4Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 5Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 6Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 7Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 8Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 9Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2014-12-11
6
Version 1.1
GW KAGHB1.EM
Color Chromaticity Groups 7) page 17 , 6) page 17
Farbortgruppen
7) Seite 17 , 6) Seite 17
Chromaticity Coordinate Groups 7) page 17 , 6) page 17
Farbortgruppen 7) Seite 17 , 6) Seite 17
extrapolated to TJ = 85 °C
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
27H3
0.4505
0.4027
50H3
0.3418
0.3487
0.4572
0.4158
0.3422
0.3576
0.4583
0.4045
0.3471
0.3529
0.4662
0.4179
0.3484
0.3627
30H3
0.4270
0.3953
57H3
0.3258
0.3433
0.4324
0.4078
0.3264
0.3355
0.4351
0.3981
0.3315
0.3400
0.4418
0.4112
0.3319
0.3488
40H3
0.3765
0.3719
65H3
0.3089
0.3290
0.3789
0.3825
0.3103
0.3222
0.3847
0.3768
0.3152
0.3353
0.3885
0.3885
0.3158
0.3275
65
00
K
57
00
K
50
00
K
45
00
K
40
00
K
350
0K
3000
K
2700
K
27H3
30H3
40H3
50H3
57H3
65H3
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com