Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGHB1.EM-RUSQ-40H3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWKAGHB1.EM-RUSQ-40H3
Description  Indoor General Lighting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGHB1.EM-RUSQ-40H3 Datasheet(HTML) 1 Page - OSRAM GmbH

  GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 1Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 2Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 3Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 4Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 5Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 6Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 7Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 8Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-40H3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2014-12-11
1
2014-12-11
SOLERIQ
® S 13
Datasheet
Version 1.1
GW KAGHB1.EM
The SOLERIQ® S products were specifically designed
for applications requiring large flux packages out of a
compact area.
Die SOLERIQ® S Produkte wurden speziell für
Anwendungen entwickelt, die großen Lichtstrom aus
einer kompakten Fläche benötigen.
Features:
Besondere Merkmale:
• Package: Chip-on-Board
•
Gehäusetyp: Chip-on-Board
• Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
• Color: 2700 K - 6500 K (white)
•
Farbe: 2700 K - 6500 K (weiß)
• CRI: min. 80 ( typ. 85 )
•
CRI: min. 80 ( typ. 85 )
• Luminous Flux: typ. 1860 lm @ 4000 K
•
Lichtstrom: typ. 1860 lm @ 4000 K
• Luminous efficacy: typ. 116 lm/W @ 4000 K
•
Lichtausbeute: typ. 116 lm/W @ 4000 K
Applications
Anwendungen
• Spot lights
•
Spot-Leuchten
• Indoor General Lighting
•
Innen-Allgemeinbeleuchtung


Similar Part No. - GWKAGHB1.EM-RUSQ-40H3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWKAGHB1.CM-RQRT-27H3 OSRAM-GWKAGHB1.CM-RQRT-27H3 Datasheet
712Kb / 18P
SOLERIQ S13
GWKAGHB1.CM-RRRT-27H3 OSRAM-GWKAGHB1.CM-RRRT-27H3 Datasheet
712Kb / 18P
SOLERIQ S13
GWKAGHB1.CM-RRRT-30H3 OSRAM-GWKAGHB1.CM-RRRT-30H3 Datasheet
712Kb / 18P
SOLERIQ S13
GWKAGHB1.CM-RSRU-30H3 OSRAM-GWKAGHB1.CM-RSRU-30H3 Datasheet
712Kb / 18P
SOLERIQ S13
More results

Similar Description - GWKAGHB1.EM-RUSQ-40H3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
Indoor General Lighting
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
Indoor General Lighting
GWKAHNB1.CM OSRAM-GWKAHNB1.CM Datasheet
817Kb / 19P
Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com