Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2516 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2516
Description  Phase-Locked Loop Clock Driver with 16 Clock Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2516 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2516 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2516
Phase-Locked Loop Clock Driver
with 16 Clock Outputs
3
PS8440C
07/24/01
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
n
a
r
e
g
a
tl
o
v
y
l
p
p
u
S5
.
0
–6
.
4
V
VI
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
n
I
)
1
(
5
.
0
–5
.
6
VO
t
u
p
t
u
o
y
n
a
o
t
d
ei
l
p
p
a
e
g
n
a
r
e
g
a
tl
o
V
)
2
,
1
(
5
.
0
–V C
C
5
.
0
+
V K
I
t
n
e
rr
u
C
p
m
al
C
t
u
p
n
I0
5
–
A
m
IO C
D
_V
(
t
n
e
rr
u
c
t
u
p
t
u
o
s
u
o
u
n
it
n
o
C
O
V
r
o
0
=
C
C )0
5
±
IO C
D
_V
h
g
u
o
r
h
t
t
u
p
t
u
o
s
u
o
u
n
it
n
o
C
C
C
d
n
u
o
r
g
r
o0
0
1
±
r
e
w
o
PT
t
a
n
o
it
a
p
i
s
si
d
r
e
w
o
p
m
u
m
i
x
a
M
A
5
5
=
o
ri
a
ll
it
s
n
i
C
)
3
(
5
8
.
0W
T G
T
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1
oC
RecommendedOperatingConditions(4)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S0
.
36
.
3
V
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
h
g
i
H0
.
2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
w
o
L8
.
0
VI
e
g
a
tl
o
v
t
u
p
n
I0
.
0V C
C
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
0
7C
º
I H
O
t
n
e
rr
u
c
t
u
p
t
u
o
l
e
v
el
h
g
i
H2
1
–
A
m
I L
O
t
n
e
rr
u
c
t
u
p
t
u
o
l
e
v
el
w
o
L2
1
Absolute Maximum Ratings (Over Operating Free-Air Temperature Range, unless otherwise noted)†
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect reliability.
Notes:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. Thisvalueislimitedto4.6Vmaximum.
3. Maximum package power dissipation is calculated using a junction temperature of 150°C and a board trace length of 750 mils.
Note
4. Unused inputs must be held high or low to prevent them from floating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com