Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2516 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C2516 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C2516
Download  PI6C2516 Download
File Size   298.63 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Phase-Locked Loop Clock Driver with 16 Clock Outputs

PI6C2516 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C2516 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C2516
Download  PI6C2516 Click to download

File Size   298.63 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Phase-Locked Loop Clock Driver with 16 Clock Outputs

PI6C2516 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C2516 Product details

Description
The PI6C2516 family is a low-skew, low jitter, phase-locked loop (PLL) clock driver, distributing high-frequency clock signals for SDRAM, server and networking applications. By connecting the feedback FB_OUT output to the feedback FB_IN input, the propagation delay from the CLK input to any clock output will be nearly zero. This zero-delay feature allows the CLK input clock to be distributed, providing 4 banks of four outputs.
For test purposes, the PLL can be bypassed by strapping the AVCC to ground.
The PI6C2516 family has the same pinout as the TI CDC2516, with the added feature of allowing Spread Spectrum clock input.

Product Features
• High Performance Phase-Locked Loop Clock Distribution for Synchronous DRAM, server and networking applications.
• Zero Input-to-Output delay: Distribute One Clock Input to four banks of four outputs, with separate output enables for each bank.
• Allow Clock Input to have Spread Spectrum modulation for EMI reduction. The clock outputs track the Clock Input modulation.
• Maximum clock frequency of 150 MHz.
• Low jitter: Cycle-to-Cycle jitter –100ps max
• Operates at 3.3V VCC
• Available Packaging:
   - 48-pin TSSOP (Thin Shrink Small Outline) (A)




Similar Part No. - PI6C2516

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2510-133 PERICOM-PI6C2510-133 Datasheet
141Kb / 5P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510-133E PERICOM-PI6C2510-133E Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510-133EL PERICOM-PI6C2510-133EL Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510-133ELE PERICOM-PI6C2510-133ELE Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510A PERICOM-PI6C2510A Datasheet
335Kb / 5P
Phase-Lock Loop Clock Driver with 10-Clock Outputs
More results


Similar Description - PI6C2516

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2510-133 PERICOM-PI6C2510-133 Datasheet
141Kb / 5P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2509-133 PERICOM-PI6C2509-133 Datasheet
277Kb / 4P
Low-Noise Phase-Locked Loop Clock Driver with 9 Clock Outputs
PI6C2504A PERICOM-PI6C2504A Datasheet
292Kb / 4P
Phase-Locked Loop Clock Driver with 4 Clock Outputs
PI6C2504 PERICOM-PI6C2504 Datasheet
299Kb / 4P
Phase-Locked Loop Clock Driver with 4 Clock Outputs
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2510-133E PERICOM-PI6C2510-133E Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com