Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWMAFJB1.EM-RUSR-30S3 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWMAFJB1.EM-RUSR-30S3
Description  Shop lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWMAFJB1.EM-RUSR-30S3 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 6Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 7Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 8Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 9Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 10Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 11Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 12Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 13Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2013-12-02
10
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW MAFJB1.EM
Relative Forward Voltage 7) page 19
Relative Vorwärtsspannung 7) Seite19
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
Relative Luminous Flux 7) page 19
Relative Lichtstrom 7) Seite 19
ΦV/ΦV(85 °C) = f(Tj); IF = 700 mA
Chromaticity Coordinate Shift 7) page 19
Farbortverschiebung 7) Seite 19
Cx, Cy = f(Tj); IF = 700 mA
GW MAFJB1.xM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ΔVF [V]
GW MAFJB1.xM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(85°C)
GW MAFJB1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.40
0.41
0.42
0.43
0.44
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com