Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWMAFJB1.EM-RUSR-30S3 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWMAFJB1.EM-RUSR-30S3
Description  Shop lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWMAFJB1.EM-RUSR-30S3 Datasheet(HTML) 5 Page - OSRAM GmbH

  GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 1Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 2Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 3Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 4Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 5Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 6Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 7Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 8Page - OSRAM GmbH GWMAFJB1.EM-RUSR-30S3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Draft Version 0.0
GW MAFJB1.EM
2013-12-02
5
DRAFT – For Reference only.
Subject to change.
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 18
Luminous Flux
1) page 18
Luminous Flux
5) page 18
Luminous Flux
5) page 18
Gruppe
Lichtstrom
1) Seite 18
Lichtstrom
1) Seite 18
Lichtstrom
5) Seite 18
Lichtstrom
5) Seite 18
TS = 85 °C
TS = 85 °C
TS = 25 °C
TS = 25 °C
(min.) ΦV [lm]
(max.) ΦV [lm]
(extrapolated
min.) ΦV [lm]
(extrapolated
max.) ΦV [lm]
RTSQ
1500
2100
1590
2230
RUSR
1640
2240
1740
2370
RUSS
1640
2400
1740
2540
SPST
1800
2590
1910
2750
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com