Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBQ9WN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEBQ9WN
Description  Bestellinformation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ9WN Datasheet(HTML) 1 Page - OSRAM GmbH

  LEBQ9WN Datasheet HTML 1Page - OSRAM GmbH LEBQ9WN Datasheet HTML 2Page - OSRAM GmbH LEBQ9WN Datasheet HTML 3Page - OSRAM GmbH LEBQ9WN Datasheet HTML 4Page - OSRAM GmbH LEBQ9WN Datasheet HTML 5Page - OSRAM GmbH LEBQ9WN Datasheet HTML 6Page - OSRAM GmbH LEBQ9WN Datasheet HTML 7Page - OSRAM GmbH LEBQ9WN Datasheet HTML 8Page - OSRAM GmbH LEBQ9WN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-04-25
1
2014-04-25
OSRAM OSTAR Projection Compact
Datasheet
Version 3.0
LE B Q9WN
Compact light source in SMT technology, glass
window on top, RoHS compliant
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Features:
Besondere Merkmale:
• Package: compact lightsource in SMT technology
with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technology: ThinGaN
•
Technologie: ThinGaN
• Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
• Color: blue (460 nm)
•
Farbe: blau (460 nm)
Applications
Anwendungen
• Projection
•
Projektion


Similar Part No. - LEBQ9WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com