Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWE3A Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LECWE3A
Description  Lighting without Optics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE3A Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LECWE3A Datasheet HTML 11Page - OSRAM GmbH LECWE3A Datasheet HTML 12Page - OSRAM GmbH LECWE3A Datasheet HTML 13Page - OSRAM GmbH LECWE3A Datasheet HTML 14Page - OSRAM GmbH LECWE3A Datasheet HTML 15Page - OSRAM GmbH LECWE3A Datasheet HTML 16Page - OSRAM GmbH LECWE3A Datasheet HTML 17Page - OSRAM GmbH LECWE3A Datasheet HTML 18Page - OSRAM GmbH LECWE3A Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LE CW E3A
2008-02-11
15
Empfehlung für Einbau in
Recommendation for
Symbol Schutzklasse
Symbol safety class
Befestigung
Fixation
Leuchte der Schutzklasse
Class I Luminaire
nach IEC-Norm (z.B. Klammern,
Kleben)
according IEC standard (e.g. Clamps,
Adhesive
Leuchte der Schutzklasse II
Class II Luminaire
nach IEC-Norm (Klammern, Kleben)
according IEC standard (e.g. Clamps,
Adhesive)
Leuchte der Schutzklasse III
Class III Luminaire
M3 Schrauben mit max. Drehmoment 0.8Nm;
typischer Anpressdruck im Bereich von
0.35MPa; die Verwendung von mind. 3
Schrauben, jeweils um 120° versetzt und eine
Schraubensicherung wird empfohlen
M3 screws with a maximum torque of 0.8 Nm;
typical contact pressure in the range of 0.35
MPa; at lease 3 screws, alignment 120° and
screw locking is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com