Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWE3A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LECWE3A
Description  Lighting without Optics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE3A Datasheet(HTML) 4 Page - OSRAM GmbH

  LECWE3A Datasheet HTML 1Page - OSRAM GmbH LECWE3A Datasheet HTML 2Page - OSRAM GmbH LECWE3A Datasheet HTML 3Page - OSRAM GmbH LECWE3A Datasheet HTML 4Page - OSRAM GmbH LECWE3A Datasheet HTML 5Page - OSRAM GmbH LECWE3A Datasheet HTML 6Page - OSRAM GmbH LECWE3A Datasheet HTML 7Page - OSRAM GmbH LECWE3A Datasheet HTML 8Page - OSRAM GmbH LECWE3A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2008-02-11
4
LE CW E3A
Kennwerte
Characteristics
(
T
board = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Farbtemperatur nach CIE 1931
3) Seite 19
(typ.)
Color Temperature acc. to CIE 1931
3) page 19
I
F = 700 mA
T
C
2700
3000
3500
4200
K
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120 (without optics)
Grad
deg.
Durchlassspannung
5) Seite 19)
(min.)
Forward voltage
5) page 19
(typ.)
I
F = 700 mA
(max.)
V
F
V
F
V
F
17.4
20.8
24.5
V
V
V
Sperrstrom
Reverse current
(max.)
I
R
not designed for
reverse operation
μA
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 700 mA
η
opt
19
22
23
25
lm/W
Optischer Wirkungsgrad
6) Seite 19
(typ.)
Optical efficiency
6) page 19
I
F = 350 mA
η
opt
25
29
30
32
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Chip
2.1 x 3.2
mm²
Leuchtdichte
(typ.)
Luminance
I
F = 700 mA
L
V
14
*10
6
16
*10
6
17
*10
6
18
*10
6
cd/m²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com