Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM555 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM555
Description  Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM555 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM555 Datasheet HTML 1Page - National Semiconductor (TI) LM555 Datasheet HTML 2Page - National Semiconductor (TI) LM555 Datasheet HTML 3Page - National Semiconductor (TI) LM555 Datasheet HTML 4Page - National Semiconductor (TI) LM555 Datasheet HTML 5Page - National Semiconductor (TI) LM555 Datasheet HTML 6Page - National Semiconductor (TI) LM555 Datasheet HTML 7Page - National Semiconductor (TI) LM555 Datasheet HTML 8Page - National Semiconductor (TI) LM555 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
+18V
Power Dissipation (Note 3)
LM555CM, LM555CN
1180 mW
LM555CMM
613 mW
Operating Temperature Ranges
LM555C
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 Seconds)
260˚C
Small Outline Packages
(SOIC and MSOP)
Vapor Phase (60 Seconds)
215˚C
Infrared (15 Seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics (Notes 1, 2)
(T
A = 25˚C, VCC = +5V to +15V, unless othewise specified)
Parameter
Conditions
Limits
Units
LM555C
Min
Typ
Max
Supply Voltage
4.5
16
V
Supply Current
V
CC = 5V, RL = ∞
V
CC = 15V, RL = ∞
(Low State) (Note 4)
3
10
6
15
mA
Timing Error, Monostable
Initial Accuracy
1%
Drift with Temperature
R
A = 1k to 100k
Ω,
50
ppm/˚C
C = 0.1µF, (Note 5)
Accuracy over Temperature
1.5
%
Drift with Supply
0.1
%/V
Timing Error, Astable
Initial Accuracy
2.25
%
Drift with Temperature
R
A,RB = 1k to 100k
Ω,
150
ppm/˚C
C = 0.1µF, (Note 5)
Accuracy over Temperature
3.0
%
Drift with Supply
0.30
%/V
Threshold Voltage
0.667
x V
CC
Trigger Voltage
V
CC = 15V
5
V
V
CC = 5V
1.67
V
Trigger Current
0.5
0.9
µA
Reset Voltage
0.4
0.5
1
V
Reset Current
0.1
0.4
mA
Threshold Current
(Note 6)
0.1
0.25
µA
Control Voltage Level
V
CC = 15V
V
CC =5V
9
2.6
10
3.33
11
4
V
Pin 7 Leakage Output High
1
100
nA
Pin 7 Sat (Note 7)
Output Low
V
CC = 15V, I7 = 15mA
180
mV
Output Low
V
CC = 4.5V, I7 = 4.5mA
80
200
mV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com