Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM555 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM555
Description  Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM555 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM555 Datasheet HTML 1Page - National Semiconductor (TI) LM555 Datasheet HTML 2Page - National Semiconductor (TI) LM555 Datasheet HTML 3Page - National Semiconductor (TI) LM555 Datasheet HTML 4Page - National Semiconductor (TI) LM555 Datasheet HTML 5Page - National Semiconductor (TI) LM555 Datasheet HTML 6Page - National Semiconductor (TI) LM555 Datasheet HTML 7Page - National Semiconductor (TI) LM555 Datasheet HTML 8Page - National Semiconductor (TI) LM555 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM555
Timer
General Description
The LM555 is a highly stable device for generating accurate
time delays or oscillation. Additional terminals are provided
for triggering or resetting if desired. In the time delay mode of
operation, the time is precisely controlled by one external
resistor and capacitor. For astable operation as an oscillator,
the free running frequency and duty cycle are accurately
controlled with two external resistors and one capacitor. The
circuit may be triggered and reset on falling waveforms, and
the output circuit can source or sink up to 200mA or drive
TTL circuits.
Features
n
Direct replacement for SE555/NE555
n
Timing from microseconds through hours
n
Operates in both astable and monostable modes
n
Adjustable duty cycle
n
Output can source or sink 200 mA
n
Output and supply TTL compatible
n
Temperature stability better than 0.005% per ˚C
n
Normally on and normally off output
n
Available in 8-pin MSOP package
Applications
n
Precision timing
n
Pulse generation
n
Sequential timing
n
Time delay generation
n
Pulse width modulation
n
Pulse position modulation
n
Linear ramp generator
Schematic Diagram
00785101
July 2006
© 2006 National Semiconductor Corporation
DS007851
www.national.com


Similar Part No. - LM555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555 Datasheet
150Kb / 14P
Single Timer
logo
Harris Corporation
LM555 HARRIS-LM555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555 Datasheet
282Kb / 13P
Single Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
Timer
logo
ON Semiconductor
LM555 ONSEMI-LM555 Datasheet
473Kb / 15P
Single Timer
January 2013 Rev. 1.1.0
More results

Similar Description - LM555

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM555 NJRC-NJM555 Datasheet
209Kb / 6P
TIMER
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com