Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2159 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF2159
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2159 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF2159 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
Electrical Characteristics
Reference temperature:
TA = 25 ℃
Terminating source impedance:
ZS = 50 ©
Terminating load impedance:
ZL = 50 ©
Characteristic
Min.
Typ.
Max.
Unit
Center frequency
fC
—
169.48125
—
MHz
Insertion attenuation @ 169.48125 MHz
IL
—
3.0
4.0
dB
Pass bandwidth
±rel
d 1 dB
±rel
d 3 dB
BW1
BW3
80
100
100
120
—
kHz
Passband ripple (p-p)
fc± 30 kHz
” ±
0.3
1.0
dB
Relative attenuation
@Fc+-2.0MHz
40
45
dB
@Fc+-5.0MHz
40
45
Temperature
Stability
Turnover Temperature
T0
+15
+25
+35
Frequency Temperature
Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging Absolute Value during the First Year
|fA|
d±10
ppm/yr
DC Insulation Resistance between Any Two Pins
1.0
M
Ω
RoHS Compliant
Electrostatic Sensitive Device
Test Matching Network
L1=220nH
L2=82nH
The L C value may change due to PCB Layout!
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com