Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2159 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF2159
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2159 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF2159 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
Typical Frequency Response
Environmental Characteristic
Test item
Condition of test
Requirements
1
Mechanical
shock
(a) Drops: 3 times on concrete floor
(b) Height: 1.0m
The SAW filter
shall remain within
the electrical
specifications
after tests.
2
Vibration
resistance
(a) Frequency of vibration: 10~55Hz
(b) Amplitude: 1.5mm
(c) Directions: X,Y and Z
(d) Duration: 2 hours
3
Moisture
resistance
(a) Condition: 40
°C, 90~95% R.H.
(b) Duration: 96 hours
(c) Wait 4 hours before measurement
4
Climatic
sequence
(a) +70℃ for 16 hours
(b) +55℃ for 24 hours, 90~95% R.H.
(c) -25℃ for 2 hours
(d) +40℃ for 24 hours, 90~95% R.H.
(e) Wait 4 hours before measurement
5
High
Temperature
Exposure
(a) Temperature: 70
°C
(b) Duration: 250 hours
(c) Wait 4 hours before measurement
6
Thermal impact
(a) +70
°C for 30 minutes ⇒ -25°C for 30 minutes repeated 3 times
(b) Wait 4 hours before measurement
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 3 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com