Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP601 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDP601
Description  Accuracy better than 0.2% FS near zero
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP601 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDP601 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
2/10
1. Sensor Performance
1.1
Physical specifications1
1 Unless otherwise noted, all sensor specifications are valid at 25°C with Vdd = 3.3 V and absolute pressure = 966 mbar.
2 The SDP50x/SDP51x sensors can detect negative differential pressures in the range of -500 to 0Pa. A negative differential pressure is represented
by a negative value. The accuracy of the negative differential pressure is not specified and might have significant inter-sensor variation.
3 Please see chapter 5.3 for details.
4 See Application Note for response times with other resolutions, e.g. 1.3 ms with 10 bits.
5 With 12-bit resolution; includes repeatability and hysteresis.
6 Total accuracy/repeatability is a sum of zero-point and span accuracy/repeatability.
Parameter
SDP600-500Pa
SDP610-500Pa
SDP600-125Pa
SDP610-125Pa
SDP600-25Pa
SDP610-25Pa
SDP601
SDP611
SDP500
SDP510
SDP501
SDP511
Short Description
Standard
Low DP
Lowest DP
“Mass Flow”
Low cost
Low cost
“Mass Flow”
Calibrated range2
– 500 Pa
to + 500 Pa
(± 2.0 in. H2O)
– 125 Pa
to + 125 Pa
(± 0.5 in. H2O)
– 25 Pa
to + 25 Pa
(± 0.1 in. H2O)
– 500 to + 500
Pa
(± 2.0 in. H2O)
0 Pa
to +500 Pa
(0 to 2.0 in. H2O)
Temperature-
compensation
yes
yes
yes
mass flow3
yes
mass flow3
Resolution
12 bits preset4 (adjustable from 9 to 16 bit)
Zero point accuracy5,6
0.2 Pa
0.1 Pa
0.2 Pa
Span accuracy5,6
3% of reading
4.5% of reading
Zero point
repeatability5,6
0.1 Pa
0.05 Pa
0.03 Pa
0.1 Pa
Span repeatability5,6
0.5% of reading
Offset shift due to
temperature variation
None
(less than resolution)
Span shift due to
temperature variation
< 0.5% of reading per 10°C
Offset stability
< 0.1 Pa/year
Response time4
4.6 ms typical at 12-bit resolution
Warm-up time for first
reliable measurement
Typ. 50 ms
(first measurement typically after 16 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com