Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP601 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDP601
Description  Accuracy better than 0.2% FS near zero
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP601 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDP601 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP601 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
6/10
5. Conversion to Physical Values
5.1
Signal scaling and physical unit
The calibrated signal read from the sensor is a signed
INTEGER number (two's complement number). The
INTEGER value can be converted to the physical value by
dividing it by the scale factor (pressure = sensor output
scale factor). The scale factor is specified in Section 2.
5.2
Temperature compensation
The SDP600 sensor series features digital temperature
compensation. The temperature is measured on the
CMOSens® chip by an on-chip temperature sensor. This
data is fed to a compensation circuit that is also integrated
on the CMOSens® sensor chip. No external temperature
compensation is necessary.
5.3
Mass flow temperature compensation
A sensor output proportional to mass flow is necessary for
measuring mass flow in a bypass configuration. Even
though the output of the SDP sensors with mass flow
temperature compensation is still differential pressure, the
temperature compensation is adapted especially for mass
flow measurements in a bypass configuration. At
calibration temperature both calibrations are equivalent.
Please find the application note “Bypass Configuration
Differential Pressure Sensor SDPxxx” on our website.
5.4
Altitude correction
The SDP600 sensor series achieves its unsurpassed
performance by using a dynamic measurement principle.
The applied differential pressure forces a small flow of gas
through the sensor, which is measured by the flow sensor
element. As a result, any variation in gas density affects
the sensor reading. While temperature effects are
compensated internally, variations in atmospheric
pressure (elevation above sea level) can be compensated
by a correction factor according to the following formula:
DPeff = DPsensor  (Pcal / Pamb)
DPeff:
Effective differential pressure
DPsensor: Differential pressure indicated by the sensor
Pcal:
Absolute pressure at calibration (966 mbar)
Pamb:
Actual ambient absolute pressure.
Altitude correction factors:
Altitude
[meters]
Ambient pressure (Pamb)
[mbar]
Correction factor
(Pcal / Pamb)
0
1013
0.95
250
984
0.98
425
966
1.00
500
958
1.01
750
925
1.04
1500
842
1.15
2250
766
1.26
3000
697
1.38
Example: At 750 m above sea level and a sensor reading
of 40 Pa, the effective differential pressure is 41.8 Pa.
Note: In many HVAC applications such as air flow
measurement in a bypass configuration, the described
dependence on absolute pressure is actually welcome
because the quantity that must effectively be controlled is
the mass flow and not the volume flow. Mass flow is
dependent on differential pressure and absolute pressure.
For details please refer to our application note “Measuring
Flow in a Bypass Configuration”.
6. OEM Options
A variety of custom options can potentially be
implemented for high-volume OEM applications. Contact
Sensirion for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com