Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT11
Description  Fully calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Datasheet SHT1x
www.sensirion.com
Version 5 – December 2011
2/12
Sensor Performance
Relative Humidity123
Parameter
Condition
min
typ
max
Units
Resolution 1
0.4
0.05
0.05
%RH
8
12
12
bit
Accuracy 2
SHT10
typical
±4.5
%RH
maximal
see Figure 2
Accuracy 2
SHT11
typical
±3.0
%RH
maximal
see Figure 2
Accuracy 2
SHT15
typical
±2.0
%RH
maximal
see Figure 2
Repeatability
±0.1
%RH
Hysteresis
±1
%RH
Non-linearity
linearized
<<1
%RH
Response time 3
τ (63%)
8
s
Operating Range
0
100
%RH
Long term drift 4
normal
< 0.5
%RH/yr
SHT11
SHT15
SHT10
± 0
± 2
± 4
± 6
± 8
± 10
0
10
20
30
40
50
60
70
80
90
100
Relative Humidity (%RH)
Figure 2: Maximal RH-tolerance at 25°C per sensor type.
Electrical and General Items
Parameter
Condition
min
typ
max
Units
Source Voltage
2.4
3.3
5.5
V
Power
Consumption 5
sleep
2
5
W
measuring
3
mW
average
90
W
Communication
digital 2-wire interface, see Communication
Storage
10 – 50°C (0 – 125°C peak), 20 – 60%RH
1 The default measurement resolution of is 14bit for temperature and 12bit for
humidity. It can be reduced to 12/8bit by command to status register.
2 Accuracies are tested at Outgoing Quality Control at 25°C (77°F) and 3.3V.
Values exclude hysteresis and are applicable to non-condensing environments
only.
3 Time for reaching 63% of a step function, valid at 25°C and 1 m/s airflow.
Temperature45
Parameter
Condition
min
typ
max
Units
Resolution 1
0.04
0.01
0.01
°C
12
14
14
bit
Accuracy 2
SHT10
typical
±0.5
°C
maximal
see Figure 3
Accuracy 2
SHT11
typical
±0.4
°C
maximal
see Figure 3
Accuracy 2
SHT15
typical
±0.3
°C
maximal
see Figure 3
Repeatability
±0.1
°C
Operating Range
-40
123.8
°C
-40
254.9
°F
Response Time 6
τ (63%)
5
30
s
Long term drift
< 0.04
°C/yr
SHT11
SHT15
SHT10
± 0.0
± 0.5
± 1.0
± 1.5
± 2.0
± 2.5
± 3.0
-40
-20
0
20
40
60
80
100
Temperature (°C)
Figure 3: Maximal T-tolerance per sensor type.
Packaging Information
Sensor Type
Packaging
Quantity
Order Number
SHT10
Tape & Reel
2000
1-100218-04
SHT11
Tape & Reel
100
1-100051-04
Tape & Reel
400
1-100098-04
Tape & Reel
2000
1-100524-04
SHT15
Tape & Reel
100
1-100085-04
Tape & Reel
400
1-100093-04
This datasheet is subject to change and may be
amended without prior notice.
4 Value may be higher in environments with high contents of volatile organic
compounds. See Section 1.3 of Users Guide.
5 Values for VDD=3.3V at 25°C, average value at one 12bit measurement
per second.
6 Response time depends on heat capacity of and thermal resistance to
sensor substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com