Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT11 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SHT11
Description  Fully calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT11 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT11 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Datasheet SHT1x
www.sensirion.com
Version 5 – December 2011
9/12
VDD
d1 (°C)
d1 (°F)
SOT
d2 (°C)
d2 (°F)
5V
-40.1
-40.2
14bit
0.01
0.018
4V
-39.8
-39.6
12bit
0.04
0.072
3.5V
-39.7
-39.5
3V
-39.6
-39.3
2.5V
-39.4
-38.9
Table 8: Temperature conversion coefficients.
4.4
Dew Point
SHT1x is not measuring dew point directly, however dew
point can be derived from humidity and temperature
readings. Since humidity and temperature are both
measured on the same monolithic chip, the SHT1x allows
superb dew point measurements.
For dew point (Td) calculations there are various formulas
to be applied, most of them quite complicated. For the
temperature range of -40 – 50°C the following
approximation provides good accuracy with parameters
given in Table 9:
(
)
T
T
T
m
100%
RH
ln
m
T
T
T
m
100%
RH
ln
T
T
RH,
T
n
n
n
d
+
⋅
−
−
+
⋅
+
⋅
=
Temperature Range
Tn (°C)
m
Above water,
0 – 50°C
243.12
17.62
Above ice,
-40 – 0°C
272.62
22.46
Table 9: Parameters for dew point (Td) calculation.
Please note that “ln(…)” denotes the natural logarithm. For
RH and T the linearized and compensated values for
relative humidity and temperature shall be applied.
For more information on dew point calculation see
Application Note “Introduction to Humidity”.
5 Environmental Stability
If sensors are qualified for assemblies or devices, please
make sure that they experience same conditions as the
reference sensor. It should be taken into account that
response times in assemblies may be longer, hence
enough dwell time for the measurement shall be granted.
For detailed information please consult Application Note
“Qualification Guide”.
The SHT1x sensor series were tested according to AEC-
Q100
Rev.
G
qualification
test
method.
Sensor
specifications are tested to prevail under the AEC-Q100
temperature grade 2 test conditions listed in Table 1014.
Sensor performance under other test conditions cannot be
guaranteed and is not part of the sensor specifications.
Especially, no guarantee can be given for sensor
performance in the field or for customer’s specific
application.
Please contact Sensirion for detailed information.
Environment
Standard
Results15
HTSL
125°C, 1000 hours
Within
specifications
TC
-50°C - 125°C, 1000 cycles
Acc. JESD22-A104-C
Within
specifications
UHST
130°C / 85%RH / ≈2.3bar,
96h
Within
specifications
THU
85°C / 85%RH, 1000h
Within
specifications
ESD immunity
MIL STD 883E, method 3015
(Human Body Model at ±2kV)
Qualified
Latch-up
force current of ±100mA with
Tamb = 80°C, acc. JEDEC 17
Qualified
Table 10: Qualification tests: HTSL = High Temperature Storage
Lifetime, TC = Temperature Cycles, UHST = Unbiased Highly
accelerated Stress Test, THB = Temperature Humidity Unbiased
6 Packaging
6.1
Packaging type
SHT1x are supplied in a surface mountable LCC
(Leadless Chip Carrier) type package. The sensor housing
consists of a Liquid Crystal Polymer (LCP) cap with epoxy
glob top on a standard 0.8mm FR4 substrate. The device
is fully RoHS and WEEE compliant – it is free of Pb, Cd,
Hg, Cr(6+), PBB and PBDE.
Device size is 7.47 x 4.93 x 2.5 mm (0.29 x 0.19 x 0.1
inch), see Figure 1, weight is 100 mg.
6.2
Traceability Information
All SHT1x are marked with an alphanumeric, three digit
code on the chip cap – see “A5Z” on Figure 1. The lot
numbers allow full traceability through production,
calibration and testing. No information can be derived from
the code directly; respective data is stored at Sensirion
and is provided upon request.
Labels on the reels are displayed in Figures 19 and 20,
they both give traceability information.
14 Sensor operation temperature range is -40 to 105°C according to AEC-Q100
temperature grade 2.
15 According to accuracy and long term drift specification given on Page 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com