Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT30 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SHT30
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT30 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SHT30 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 14Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 15Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 16Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
13/20
Command
Hex code
Read Out of status register
0xF32D
Table 16 Command to read out the status register (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor).
Bit Field description
Default
value
15
Alert pending status
'0': no pending alerts
'1': at least one pending alert
‘1’
14
Reserved
‘0’
13
Heater status
‘0’ : Heater OFF
‘1’ : Heater ON
‘0’
12
Reserved
‘0’
11
RH tracking alert
‘0’ : no alert
‘1’ . alert
‘0
10
T tracking alert
‘0’ : no alert
‘1’ . alert
‘0’
9:5 Reserved
‘xxxxx’
4
System reset detected
'0': no reset detected since last ‘clear
status register’ command
'1': reset detected (hard reset, soft reset
command or supply fail)
‘1’
3:2
Reserved
‘00’
1
Command status
'0': last command executed successfully
'1': last command not processed. It was
either invalid, failed the integrated
command checksum
‘0’
0
Write data checksum status
'0': checksum of last write transfer was
correct
'1': checksum of last write transfer failed
‘0’
Table 17 Description of the status register.
Clear Status Register
All flags (Bit 15, 11, 10, 4) in the status register can be
cleared (set to zero) by sending the command shown in
Table 18.
Command
Hex Code
Clear status register
0x 30 41
Table 18 Command to clear the status register (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor).
4.12 Checksum Calculation
The 8-bit CRC checksum transmitted after each data
word is generated by a CRC algorithm.Its properties are
displayed in Table 19. The CRC covers the contents of
the two previously transmitted data bytes. To calculate
the checksum onlythese two previouslytransmitted data
bytes are used.
Property
Value
Name
CRC-8
Width
8 bit
Protected data
read and/or write data
Polynomial
0x31 (x8 + x5 + x4 + 1)
Initialization
0xFF
Reflect input
False
Reflect output
False
Final XOR
0x00
Examples
CRC (0xBEEF) = 0x92
Table 19 I2C CRC properties.
4.13 Conversion of Signal Output
Measurementdata is always transferred as 16-bitvalues
(unsigned integer). These values are already linearized
and compensated for temperature and supply voltage
effects. Converting those raw values into a physical
scale can be achieved using the following formulas.
Relative humidityconversion formula (resultin %RH):
1
16
RH
2
S
100
RH
Temperature conversion formula (resultin °C & °F):
 
 
1
1
16
T
16
T
2
S
315
49
F
T
2
S
175
45
C
T
SRH and ST denote the raw sensor output for humidity
and temperature, respectively. The formulas work only
correctly when SRH and ST are used in decimal
representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com