Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT30 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SHT30
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT30 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SHT30 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 14Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 15Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 16Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 17Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
14/20
4.14 Communication Timing
Parameter
Symbol
Conditions
Min.
Typ. Max.
Units
Comments
SCL clock frequency
fSCL
0
-
1000
kHz
Hold time (repeated) START
condition
tHD;STA
After this period, the first
clock pulse is generated
0.24
-
-
µs
LOW period of the SCL
clock
tLOW
0.65
-
-
µs
HIGH period of the SCL
clock
tHIGH
0.26
-
-
µs
SDA hold time
tHD;DAT
0
-
250
ns
Transmitting data
0
-
-
ns
Receiving data
SDA set-up time
tSU;DAT
100
-
-
ns
SCL/SDA rise time
tR
-
-
300
ns
SCL/SDA fall time
tF
-
-
300
ns
SDA valid time
tVD;DAT
-
-
0.9
µs
Set-up time for a repeated
START condition
tSU;STA
0.6
-
-
µs
Set-up time for STOP
condition
tSU;STO
0.6
-
-
µs
Capacitive load on bus line
CB
-
-
400
pF
Low level input voltage
VIL
-0.5
-
0.3xVDD
V
High level input voltage
VIH
0.7xVDD
-
1xVDD
V
Low level output voltage
VOL
3 mA sink current
-
-
0.66
V
Table 20 Communication timing specifications for I2C fm (fast mode), specifications are at 25°C and typical VDD. The numbers above
are values according to the I2C Specification (UM10204, Rev. 6, April 4, 2014).
Figure 12 Timing diagram for digital input/output pads. SDA directions are seen from the sensor. Bold SDA lines are
controlled by the sensor, plain SDA lines are controlled by the micro-controller. Note that SDA valid read time is triggered
by falling edge of preceding toggle.
SCL
70%
30%
tLOW
1/fSCL
tHIGH
tR
tF
SDA
70%
30%
tSU;DAT
tHD;DAT
DATA IN
tR
SDA
70%
30%
DATA OUT
tVD;DAT
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com