Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM556 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM556
Description  Dual Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM556 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM556 Datasheet HTML 1Page - National Semiconductor (TI) LM556 Datasheet HTML 2Page - National Semiconductor (TI) LM556 Datasheet HTML 3Page - National Semiconductor (TI) LM556 Datasheet HTML 4Page - National Semiconductor (TI) LM556 Datasheet HTML 5Page - National Semiconductor (TI) LM556 Datasheet HTML 6Page - National Semiconductor (TI) LM556 Datasheet HTML 7Page - National Semiconductor (TI) LM556 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM556
Dual Timer
General Description
The LM556 Dual timing circuit is a highly stable controller ca-
pable of producing accurate time delays or oscillation. The
556 is a dual 555. Timing is provided by an external resistor
and capacitor for each timing function. The two timers oper-
ate independently of each other sharing only V
CC
and
ground. The circuits may be triggered and reset on falling
waveforms. The output structures may sink or source
200mA.
Features
n
Direct replacement for SE556/NE556
n
Timing from microseconds through hours
n
Operates in both astable and monostable modes
n
Replaces two 555 timers
n
Adjustable duty cycle
n
Output can source or sink 200mA
n
Output and supply TTL compatible
n
Temperature stability better than 0.005% per ˚C
n
Normally on and normally off output
Applications
n
Precision timing
n
Pulse generation
n
Sequential timing
n
Time delay generation
n
Pulse width modulation
n
Pulse position modulation
n
Linear ramp generator
Connection Diagram
Ordering Information
Package
Part Number
Package Marking
Media Transport
NSC Drawing
14-Pin SOIC
LM556CM
LM556CM
Rails
M14A
LM556CMX
LM556CM
2.5k Units Tape and Reel
14-Pin MDIP
LM556CN
LM556CN
Rails
N14a
Dual-In-Line, Small Outline Packages
DS007852-1
Top View
March 2000
© 2000 National Semiconductor Corporation
DS007852
www.national.com


Similar Part No. - LM556

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
Dual Timer
logo
Texas Instruments
LM556 TI-LM556 Datasheet
235Kb / 10P
LM556 Dual Timer
LM556 TI-LM556 Datasheet
235Kb / 10P
LM556 Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556 Datasheet
109Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
Dual Timer
More results

Similar Description - LM556

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
DUAL TIMER
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
Dual timer
August 31, 1994
logo
Unisonic Technologies
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
DUAL TIMER
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
DUAL TIMER
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
Dual Timer
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
Dual Timer
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
Dual Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com