Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC245A
Description  Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC245A Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC245A Datasheet HTML 1Page - NXP Semiconductors 74LVC245A Datasheet HTML 2Page - NXP Semiconductors 74LVC245A Datasheet HTML 3Page - NXP Semiconductors 74LVC245A Datasheet HTML 4Page - NXP Semiconductors 74LVC245A Datasheet HTML 5Page - NXP Semiconductors 74LVC245A Datasheet HTML 6Page - NXP Semiconductors 74LVC245A Datasheet HTML 7Page - NXP Semiconductors 74LVC245A Datasheet HTML 8Page - NXP Semiconductors 74LVC245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC245A
74LVCH245A
Octal bus transceiver with direction pin with
5-volt tolerant inputs/outputs (3-State)
2
1998 May 20
853-2044 19419
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• High impedance when V
CC = 0V
• Bushold on all data inputs (74LVCH245A only)
DESCRIPTION
The 74LVC245A/74LVCH245A is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most advanced
CMOS compatible TTL families.
Inputs can be driven from either 3.3V or 5V devices. In 3-State
operation, outputs can handle 5V. These features allow the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC245A/74LVCH245A is an octal transceiver featuring
non-inverting 3-State bus compatible outputs in both send and
receive directions. The ’245’ features an output enable (OE) input for
easy cascading and a send/receive (DIR) input for direction control.
OE controls the outputs so that the buses are effectively isolated.
The ’245’ is functionally identical to the ’640’, but the ’640’ has true
(non-inverting) outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Bn;
Bn to An
CL = 50pF
VCC = 3.3V
3.6
ns
CI
Input capacitance
5.0
pF
CI/O
Input/output capacitance
10.0
pF
CPD
Power dissipation capacitance per
buffer
Notes 1 and 2
33
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL x VCC2 x fo) = sum of outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
OUTSIDE
NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic Shrink Small Outline (SO)
–40
°C to +85°C
74LVC245A D
74LVC245A D
SOT163-1
20-Pin Plastic Shrink Small Outline (SSOP) Type II
–40
°C to +85°C
74LVC245A DB
74LVC245A DB
SOT339-1
20-Pin Plastic Thin Shrink Small Outline (TSSOP) Type I
–40
°C to +85°C
74LVC245A PW
7LVC245APW DH
SOT360-1
20-Pin Plastic Shrink Small Outline (SO)
–40
°C to +85°C
74LVCH245A D
74LVCH245A D
SOT163-1
20-Pin Plastic Shrink Small Outline (SSOP) Type II
–40
°C to +85°C
74LVCH245A DB
74LVCH245A DB
SOT339-1
20-Pin Plastic Thin Shrink Small Outline (TSSOP) Type I
–40
°C to +85°C
74LVCH245A PW
LVCH245APW DH
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com