Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245A Datasheet (PDF) - NXP Semiconductors

74LVC245A Datasheet PDF - NXP Semiconductors
Part # 74LVC245A
Download  74LVC245A Download
File Size   324.89 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)

74LVC245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC245A Datasheet PDF - NXP Semiconductors

Part # 74LVC245A
Download  74LVC245A Click to download

File Size   324.89 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)

74LVC245A Datasheet (HTML) - NXP Semiconductors


74LVC245A Product details

DESCRIPTION
The 74LVC245A/74LVCH245A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5.5 V
• High-impedance when VCC = 0 V
• bus-hold on all data inputs (74LVCH245A only)
• Complies with JEDEC standard no. 8-1A
• ESD protection:
    HBM EIA/JESD22-A114-A exceeds 2000 V
    MM EIA/JESD22-A115-A exceeds 200 V
• Specified from −40 to +85 °C and −40 to +125 °C.




Similar Part No. - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
Feb-2002
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
26-Jul-2004
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
ON Semiconductor
74LVC245A ONSEMI-74LVC245A Datasheet
92Kb / 9P
Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
More results


Similar Description - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LCX646 STMICROELECTRONICS-74LCX646 Datasheet
241Kb / 13P
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
Sep-2001
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
logo
STMicroelectronics
74LCX646 STMICROELECTRONICS-74LCX646_04 Datasheet
418Kb / 16P
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
15-Sep-2004
74LCX652 STMICROELECTRONICS-74LCX652 Datasheet
387Kb / 16P
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
15-Sep-2004
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com