Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM565 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM565
Description  Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM565 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM565 Datasheet HTML 1Page - National Semiconductor (TI) LM565 Datasheet HTML 2Page - National Semiconductor (TI) LM565 Datasheet HTML 3Page - National Semiconductor (TI) LM565 Datasheet HTML 4Page - National Semiconductor (TI) LM565 Datasheet HTML 5Page - National Semiconductor (TI) LM565 Datasheet HTML 6Page - National Semiconductor (TI) LM565 Datasheet HTML 7Page - National Semiconductor (TI) LM565 Datasheet HTML 8Page - National Semiconductor (TI) LM565 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM565/LM565C
Phase Locked Loop
General Description
The LM565 and LM565C are general purpose phase locked
loops containing a stable, highly linear voltage controlled os-
cillator for low distortion FM demodulation, and a double bal-
anced phase detector with good carrier suppression. The
VCO frequency is set with an external resistor and capacitor,
and a tuning range of 10:1 can be obtained with the same
capacitor.
The
characteristics
of
the
closed
loop
system — bandwidth, response speed, capture and pull in
range — may be adjusted over a wide range with an external
resistor and capacitor. The loop may be broken between the
VCO and the phase detector for insertion of a digital fre-
quency divider to obtain frequency multiplication.
The LM565H is specified for operation over the −55˚C to
+125˚C military temperature range. The LM565CN is speci-
fied for operation over the 0˚C to +70˚C temperature range.
Features
n 200 ppm/˚C frequency stability of the VCO
n Power supply range of ±5to ±12 volts with 100 ppm/%
typical
n 0.2% linearity of demodulated output
n Linear triangle wave with in phase zero crossings
available
n TTL and DTL compatible phase detector input and
square wave output
n Adjustable hold in range from ±1% to > ±60%
Applications
n Data and tape synchronization
n Modems
n FSK demodulation
n FM demodulation
n Frequency synthesizer
n Tone decoding
n Frequency multiplication and division
n SCA demodulators
n Telemetry receivers
n Signal regeneration
n Coherent demodulators
Connection Diagrams
Metal Can Package
DS007853-2
Order Number LM565H
See NS Package Number H10C
Dual-in-Line Package
DS007853-3
Order Number LM565CN
See NS Package Number N14A
May 1999
© 1999 National Semiconductor Corporation
DS007853
www.national.com


Similar Part No. - LM565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM565 TI1-LM565 Datasheet
947Kb / 14P
Phase Locked Loop
LM565C TI1-LM565C Datasheet
947Kb / 14P
Phase Locked Loop
More results

Similar Description - LM565

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com