Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13007 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MJE13007
Description  Switch-mode NPN Bipolar Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE13007 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MJE13007 Datasheet HTML 2Page - ON Semiconductor MJE13007 Datasheet HTML 3Page - ON Semiconductor MJE13007 Datasheet HTML 4Page - ON Semiconductor MJE13007 Datasheet HTML 5Page - ON Semiconductor MJE13007 Datasheet HTML 6Page - ON Semiconductor MJE13007 Datasheet HTML 7Page - ON Semiconductor MJE13007 Datasheet HTML 8Page - ON Semiconductor MJE13007 Datasheet HTML 9Page - ON Semiconductor MJE13007 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MJE13007
www.onsemi.com
9
Notes:
See AN569 for Pulse Power Derating Procedure.
1
1
1
Notes:
See AN569 for Pulse Power Derating Procedure.
1
1
1
Notes:
See AN569 for Pulse Power Derating Procedure.
1
1
1
2
2
2
Notes:
See AN569 for Pulse Power Derating Procedure.
1
1
1
2
Table 2. Applications Examples of Switching Circuits
CIRCUIT
LOAD LINE DIAGRAMS
TIME DIAGRAMS
SERIES SWITCHING
REGULATOR
FLYBACK
INVERTER
PUSH−PULL
INVERTER/CONVERTER
SOLENOID DRIVER
A
B
C
D
VCC
VO
VCC
VO
N
VCC
VO
SOLENOID
VCC
16 A
TC = 100°C
8 A
TURN-ON
TURN-OFF
VCC
400 V
TURN-ON (FORWARD BIAS) SOA
ton ≤ 10 ms
DUTY CYCLE
≤ 10%
PD = 3200 W
300 V
TURN-OFF (REVERSE BIAS) SOA
1.5 V
≤ VBE(off) ≤ 9 V
DUTY CYCLE
≤ 10%
COLLECTOR VOLTAGE
+
700 V
ton
toff
TIME
t
IC
t
TIME
VCE
VCC
TC = 100°C
16 A
8 A
TURN-ON (FORWARD BIAS) SOA
ton ≤ 10 ms
DUTY CYCLE
≤ 10%
PD = 3200 W
300 V
TURN-OFF (REVERSE BIAS) SOA
1.5 V
≤ VBE(off) ≤ 9 V
DUTY CYCLE
≤ 10%
TURN-ON
TURN-OFF
700 V
400 V
VCC + N (Vo)
+ VCC
VCC + N (Vo)
+ LEAKAGE
SPIKE
COLLECTOR VOLTAGE
t
t
LEAKAGE SPIKE
VCE
IC
VCC +
N (Vo)
VCC
ton
toff
16 A
8 A
TURN-ON
TURN-OFF
+
TURN-ON (FORWARD BIAS) SOA
ton ≤ 10 ms
DUTY CYCLE
≤ 10%
PD = 3200 W
300 V
TURN-OFF (REVERSE BIAS) SOA
1.5 V
≤ VBE(off) ≤ 9 V
DUTY CYCLE
≤ 10%
2 VCC
700 V
400 V
VCC
COLLECTOR VOLTAGE
t
t
toff
ton
VCE
IC
2 VCC
VCC
TC = 100°C
TC = 100°C
TURN-ON (FORWARD BIAS) SOA
ton ≤ 10 ms
DUTY CYCLE
≤ 10%
PD = 3200 W
300 V
TURN-OFF (REVERSE BIAS) SOA
1.5 V
≤ VBE(off) ≤ 9 V
DUTY CYCLE
≤ 10%
700 V
400 V
16 A
8 A
+
TURN-OFF
TURN-ON
VCC
COLLECTOR VOLTAGE
IC
ton
toff
t
t
VCC
VCE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com