Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13007 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE13007
Description  Switch-mode NPN Bipolar Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE13007 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE13007 Datasheet HTML 1Page - ON Semiconductor MJE13007 Datasheet HTML 2Page - ON Semiconductor MJE13007 Datasheet HTML 3Page - ON Semiconductor MJE13007 Datasheet HTML 4Page - ON Semiconductor MJE13007 Datasheet HTML 5Page - ON Semiconductor MJE13007 Datasheet HTML 6Page - ON Semiconductor MJE13007 Datasheet HTML 7Page - ON Semiconductor MJE13007 Datasheet HTML 8Page - ON Semiconductor MJE13007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJE13007
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (Note 2)
Collector−Emitter Sustaining Voltage
(IC = 10 mA, IB = 0)
VCEO(sus)
400
−
−
Vdc
Collector Cutoff Current
(VCES = 700 Vdc)
(VCES = 700 Vdc, TC = 125°C)
ICES
−
−
−
−
0.1
1.0
mAdc
Emitter Cutoff Current
(VEB = 9.0 Vdc, IC = 0)
IEBO
−
−
100
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 6
Clamped Inductive SOA with Base Reverse Biased
−
See Figure 7
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 2.0 Adc, VCE = 5.0 Vdc)
(IC = 5.0 Adc, VCE = 5.0 Vdc)
hFE
8.0
5.0
−
−
40
30
−
Collector−Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 0.4 Adc)
(IC = 5.0 Adc, IB = 1.0 Adc)
(IC = 8.0 Adc, IB = 2.0 Adc)
(IC = 5.0 Adc, IB = 1.0 Adc, TC = 100°C)
VCE(sat)
−
−
−
−
−
−
−
−
1.0
2.0
3.0
3.0
Vdc
Base−Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 0.4 Adc)
(IC = 5.0 Adc, IB = 1.0 Adc)
(IC = 5.0 Adc, IB = 1.0 Adc, TC = 100°C)
VBE(sat)
−
−
−
−
−
−
1.2
1.6
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 500 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
4.0
14
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
−
80
−
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
(VCC = 125 Vdc, IC = 5.0 A,
IB1 = IB2 = 1.0 A, tp = 25 ms,
Duty Cycle
≤ 1.0%)
td
−
0.025
0.1
ms
Rise Time
tr
−
0.5
1.5
Storage Time
ts
−
1.8
3.0
Fall Time
tf
−
0.23
0.7
Inductive Load, Clamped (Table 1)
Voltage Storage Time
VCC = 15 Vdc, IC = 5.0 A
TC = 25°C
Vclamp = 300 Vdc
TC = 100°C
tsv
−
−
1.2
1.6
2.0
3.0
ms
Crossover Time
IB(on) = 1.0 A, IB(off) = 2.5 A
TC = 25°C
LC = 200 mHTC = 100°C
tc
−
−
0.15
0.21
0.30
0.50
ms
Fall Time
TC = 25°C
TC = 100°C
tfi
−
−
0.04
0.10
0.12
0.20
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com