Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP403 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TFP403
Description  TI PANEBUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP403 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TFP403 Datasheet HTML 10Page - Texas Instruments TFP403 Datasheet HTML 11Page - Texas Instruments TFP403 Datasheet HTML 12Page - Texas Instruments TFP403 Datasheet HTML 13Page - Texas Instruments TFP403 Datasheet HTML 14Page - Texas Instruments TFP403 Datasheet HTML 15Page - Texas Instruments TFP403 Datasheet HTML 16Page - Texas Instruments TFP403 Datasheet HTML 17Page - Texas Instruments TFP403 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TFP403
TI PanelBus
 DIGITAL RECEIVER
SLDS125A – DECEMBER 2000 – REVISED OCTOBER 2002
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
PowerPAD 100-TQFP package
The TFP403 is packaged in TI’s thermally enhanced PowerPAD 100TQFP packaging. The PowerPAD package
is a 14 mm
× 14 mm × 1 mm TQFP outline with 0.5 mm lead-pitch. The PowerPAD package has a specially
designed die mount pad that offers improved thermal capability over typical TQFP packages of the same outline.
The TI 100-TQFP PowerPAD package offers a back-side solder plane that connects directly to the die mount
pad for enhanced thermal conduction. Soldering the back side of the TFP403 to the application board is not
required thermally, as the device power dissipation is well within the package capability when not soldered.
Soldering the back side of the device to the PCB ground plane is recommended for electrical considerations.
Since the die pad is electrically connected to the chip substrate and hence chip ground, connection of the
PowerPAD back side to a PCB ground plane will help to improve EMI, ground bounce, and power supply noise
performance.
Table 1 outlines the thermal properties of the TI 100-TQFP PowerPAD package. The 100-TQFP non-PowerPAD
package is included only for reference.
Table 1. TI 100-TQFP (14
× 14 × 1 mm)/0.5 mm Lead Pitch
PARAMETER
WITHOUT
PowerPAD
PowerPAD
NOT CONNECTED TO PCB
THERMAL PLANE
PowerPAD
CONNECTED TO PCB
THERMAL PLANE†
Theta-JA†,‡
45
°C/W
27.3
°C/W
17.3
°C/W
Theta-JC†,‡
3.11
°C/W
0.12
°C/W
0.12
°C/W
Maximum power dissipation†,‡,§
1.6 W
2.7 W
4.3 W
† Specified with 2 oz. Cu PCB plating.
‡ Airflow is at 0 LFM (no airflow)
§ Measured at ambient temperature, TA = 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com