Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP403 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TFP403
Description  TI PANEBUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP403 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TFP403 Datasheet HTML 10Page - Texas Instruments TFP403 Datasheet HTML 11Page - Texas Instruments TFP403 Datasheet HTML 12Page - Texas Instruments TFP403 Datasheet HTML 13Page - Texas Instruments TFP403 Datasheet HTML 14Page - Texas Instruments TFP403 Datasheet HTML 15Page - Texas Instruments TFP403 Datasheet HTML 16Page - Texas Instruments TFP403 Datasheet HTML 17Page - Texas Instruments TFP403 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TFP403
TI PanelBus
 DIGITAL RECEIVER
SLDS125A – DECEMBER 2000 – REVISED OCTOBER 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PZP (S-PQFP-G100)
PowerPAD
 PLASTIC QUAD FLATPACK
0,13 NOM
50
26
Thermal Pad
(see Note D)
0,75
0,45
0,25
Seating Plane
4146929/A 04/99
Gage Plane
0,27
75
0,17
76
100
SQ
SQ
1
15,80
16,20
14,20
13,80
12,00 TYP
1,05
0,95
1,20 MAX
51
25
0,50
M
0,08
0,08
0
°-7°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com