Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41G Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP41G
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP41G Datasheet(HTML) 5 Page - ON Semiconductor

  TIP41G Datasheet HTML 1Page - ON Semiconductor TIP41G Datasheet HTML 2Page - ON Semiconductor TIP41G Datasheet HTML 3Page - ON Semiconductor TIP41G Datasheet HTML 4Page - ON Semiconductor TIP41G Datasheet HTML 5Page - ON Semiconductor TIP41G Datasheet HTML 6Page - ON Semiconductor TIP41G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP41G, TIP41AG, TIP41BG, TIP41CG (NPN), TIP42G, TIP42AG, TIP42BG,
TIP42CG (PNP)
www.onsemi.com
5
TJ, JUNCTION TEMPERATURE (°C)
103
-0.3
101
100
10-2
102
10-1
10-3
10M
100k
10k
0.1k
1.0M
1.0k
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (AMP)
Figure 8. DC Current Gain
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMP)
300
500
0.1
0.2
0.4
6.0
0.06
100
70
50
30
10
7.0
0.3
VBE, BASE-EMITTER VOLTAGE (VOLTS)
Figure 10. “On” Voltages
VCE = 2.0 V
5.0
1.0
2.0
0.6
1.6
2.0
20
30
100
1000
10
0.8
0.4
50
0
300
500
200
25
°C
TJ = 150°C
-55
°C
1.2
2.0
0.06
IC, COLLECTOR CURRENT (AMP)
1.6
0.8
1.2
0.4
0
0.1
0.2 0.3 0.4
0.6
1.0
+2.5
IC = 1.0 A
20
60
80
100
120
160
140
40
TJ = 25°C
2.5 A
5.0 A
2.0 3.0 4.0
6.0
VBE(sat) @ IC/IB = 10
VBE @ VCE = 4.0 V
VCE(sat) @ IC/IB = 10
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
*APPLIES FOR IC/IB ≤ hFE/4
*
qVC FOR VCE(sat)
qVB FOR VBE
Figure 11. Temperature Coefficients
-0.2 -0.1
0
+0.1 +0.2 +0.3 +0.4 +0.5 +0.6
Figure 12. Collector Cut−Off Region
Figure 13. Effects of Base−Emitter Resistance
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
IC = 2 x ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
200
20
4.0
0.06
0.1
0.2 0.3
0.5
1.0
2.0 3.0 4.0
6.0
+25
°C to +150°C
-55
°C to +25°C
+25
°C to +150°C
-55
°C to +25°C
+0.7
TJ = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com