Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41G Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP41G
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP41G Datasheet(HTML) 1 Page - ON Semiconductor

  TIP41G Datasheet HTML 1Page - ON Semiconductor TIP41G Datasheet HTML 2Page - ON Semiconductor TIP41G Datasheet HTML 3Page - ON Semiconductor TIP41G Datasheet HTML 4Page - ON Semiconductor TIP41G Datasheet HTML 5Page - ON Semiconductor TIP41G Datasheet HTML 6Page - ON Semiconductor TIP41G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 11
1
Publication Order Number:
TIP41A/D
TIP41G, TIP41AG, TIP41BG,
TIP41CG (NPN),
TIP42G,TIP42AG, TIP42BG,
TIP42CG(PNP)
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications.
Features
• Epoxy Meets UL 94 V−0 @ 0.125 in
• These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
TIP41G, TIP42G
TIP41AG, TIP42AG
TIP41BG, TIP42BG
TIP41CG, TIP42CG
VCEO
40
60
80
100
Vdc
Collector−Base Voltage
TIP41G, TIP42G
TIP41AG, TIP42AG
TIP41BG, TIP42BG
TIP41CG, TIP42CG
VCB
40
60
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
6.0
Adc
Collector Current − Peak
ICM
10
Adc
Base Current
IB
2.0
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25°C
PD
65
0.52
W
W/°C
Total Power Dissipation
@ TA = 25°C
Derate above 25°C
PD
2.0
0.016
W
W/°C
Unclamped Inductive Load Energy
(Note 1)
E
62.5
mJ
Operating and Storage Junction,
Temperature Range
TJ, Tstg
– 65 to +150
°C
ESD − Human Body Model
HBM
3B
V
ESD − Machine Model
MM
C
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. IC = 2.5 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 W.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
CASE 221A
STYLE 1
MARKING DIAGRAM
6 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
40−60−80−100 VOLTS,
65 WATTS
www.onsemi.com
1
2
3
4
TIP4xx
= Device Code
xx
= 1, 1A, 1B, 1C
2, 2A, 2B, 2C
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
TIP4xxG
AYWW
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
1
BASE
3
EMITTER
COLLECTOR
2,4
1
BASE
3
EMITTER
COLLECTOR
2,4
NPN
PNP


Similar Part No. - TIP41G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP41G ONSEMI-TIP41G Datasheet
99Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
More results

Similar Description - TIP41G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com