Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3821 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3821
Description  TECHNICAL DATA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3821 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3821 Datasheet HTML 1Page - Microsemi Corporation 2N3821 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
N-CHANNEL J-FET DEPLETION MODE
Qualified per MIL-PRF-19500/375
Devices
Qualified Level
2N3821
2N3822
2N3823
JANTX
JANTXV
MAXIMUM RATINGS
Parameters / Test Conditions
Symbol
2N3821
2N3822
2N3823
Unit
Gate-Source Voltage
VGSR
50
30
V
Drain-Source Voltage
VDS
50
30
V
Drain-Gate Voltage
VDG
50
30
V
Gate Current
IGF
10
mA
Power Dissipation
TA = +25
0C (1)
PT
300
mW
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to +200
0C
(1) Derate linearly 1.7 mW/
0C for T
A
+25
0C.
TO-72*
(TO-206AF)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Units
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0
µAdc
2N3821, 2N3822
2N3823
V(BR)GSSR
50
30
Vdc
Gate Reverse Current
VDS = 0, VGS = 30 Vdc
2N3821, 2N3822
VDS = 0, VGS = 20 Vdc
2N3823
IGSSR
0.1
0.5
ηA
Zero-Gate-Voltage Drain Current
VGS = 0, VDS = 15 Vdc
2N3821
2N3822
2N3823
IDSS
0.5
2.0
4.0
2.5
10
20
mA
Gate-Source Voltage
VDS = 15 Vdc, ID = 50 µAdc
2N3821
VDS = 15 Vdc, ID = 200 µAdc
2N3822
VDS = 15 Vdc, ID = 400 µAdc
2N3823
VGS
0.5
1.0
1.0
2.0
4.0
7.5
Vdc
Gate-Source Cutoff Voltage
VDS = 15 Vdc, ID = 0.5
ηAdc
2N3821
2N3822
2N3823
VGS(off)
4.0
6.0
8.0
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3821

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
92Kb / 1P
N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Intersil Corporation
2N3821 INTERSIL-2N3821 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821 Datasheet
242Kb / 4P
N-CHANNEL J-FET DEPLETION MODE
logo
New Jersey Semi-Conduct...
2N3821 NJSEMI-2N3821 Datasheet
159Kb / 2P
JFETS LOW FREQUENCY, LOW NOISE
More results

Similar Description - 2N3821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
TECHNICAL DATA
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
Technical Data
Sep-2003
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
TECHNICAL DATA
logo
Freescale Semiconductor...
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
Technical Data
MC705C8ACPE FREESCALE-MC705C8ACPE Datasheet
1Mb / 222P
Technical Data
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
Technical Data
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com