Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV27L2CD Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV27L2CD
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L2CD Datasheet(HTML) 2 Page - Texas Instruments

  TLV27L2CD Datasheet HTML 1Page - Texas Instruments TLV27L2CD Datasheet HTML 2Page - Texas Instruments TLV27L2CD Datasheet HTML 3Page - Texas Instruments TLV27L2CD Datasheet HTML 4Page - Texas Instruments TLV27L2CD Datasheet HTML 5Page - Texas Instruments TLV27L2CD Datasheet HTML 6Page - Texas Instruments TLV27L2CD Datasheet HTML 7Page - Texas Instruments TLV27L2CD Datasheet HTML 8Page - Texas Instruments TLV27L2CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
2
www.ti.com
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
CODE
SYMBOL
SPECIFIED
TEMPERATURE
RANGE
ORDER NUMBER
TRANSPORT MEDIA
TLV27L1CD
SOIC-8
D
27V1C
TLV27L1CD
Tube
TLV27L1CD
SOIC-8
D
27V1C
0
°C to 70°C
TLV27L1CDR
Tape and Reel
TLV27L1CDBV
SOT-23
DBV
VBIC
0
°C to 70°C
TLV27L1CDBVR
Tape and Reel
TLV27L1CDBV
SOT-23
DBV
VBIC
TLV27L1CDBVT
Tape and Reel
TLV27L1ID
SOIC-8
D
27V1I
TLV27L1ID
Tube
TLV27L1ID
SOIC-8
D
27V1I
–40
°C to 125°C
TLV27L1IDR
Tape and Reel
TLV27L1IDBV
SOT-23
DBV
VBII
–40
°C to 125°C
TLV27L1IDBVR
Tape and Reel
TLV27L1IDBV
SOT-23
DBV
VBII
TLV27L1IDBVT
Tape and Reel
TLV27L2CD
SOIC-8
D
27V2C
0
°C to 70°C
TLV27L2CD
Tube
TLV27L2CD
SOIC-8
D
27V2C
0
°C to 70°C
TLV27L2CDR
Tape and Reel
TLV27L2ID
SOIC-8
D
27V2I
–40
°C to 125°C
TLV27L2ID
Tube
TLV27L2ID
SOIC-8
D
27V2I
–40
°C to 125°C
TLV27L2IDR
Tape and Reel
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VS
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Relative to GND pin.
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA≤ 25°C
POWER RATING
TA = 85°C
POWER RATING
D (8)
38.3
176
710 mW
370 mW
DBV (5)
55
324.1
385 mW
201 mW
DBV (6)
55
294.3
425 mW
221 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, (VS)
Dual supply
±1.35
±8
V
Supply voltage, (VS)
Single supply
2.7
16
V
Input common-mode voltage range
–0.2
VS–1.2
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com