Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV27L2CD Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV27L2CD
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L2CD Datasheet(HTML) 3 Page - Texas Instruments

  TLV27L2CD Datasheet HTML 1Page - Texas Instruments TLV27L2CD Datasheet HTML 2Page - Texas Instruments TLV27L2CD Datasheet HTML 3Page - Texas Instruments TLV27L2CD Datasheet HTML 4Page - Texas Instruments TLV27L2CD Datasheet HTML 5Page - Texas Instruments TLV27L2CD Datasheet HTML 6Page - Texas Instruments TLV27L2CD Datasheet HTML 7Page - Texas Instruments TLV27L2CD Datasheet HTML 8Page - Texas Instruments TLV27L2CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
3
www.ti.com
electrical characteristics at recommended operating conditions, VS = 2.7 V, 5 V, and 10 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VS/2,
VO = VS/2,
25
°C
0.5
5
mV
VIO
Input offset voltage
VIC = VS/2,
VO = VS/2,
RL = 100 kΩ,RS = 50 Ω
Full range
7
mV
αVIO
Offset voltage drift
RL = 100 kΩ,RS = 50 Ω
25
°C
1.1
µV/°C
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.2 V,
25
°C
71
86
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.2 V,
RS = 50 Ω
Full range
70
dB
VS = 2.7 V,
25
°C
80
100
AVD
Large-signal differential voltage
VO(PP)=VS/2,
VS = 2.7 V,
5 V
Full range
77
dB
AVD
Large-signal differential voltage
amplification
VO(PP)=VS/2,
RL = 100 kΩ
VS = ±5 V
25
°C
77
82
dB
L
VS = ±5 V
Full range
74
† Full range is –40°C to 125°C for I suffix.
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
≤25°C
1
60
IIO
Input offset current
≤70°C
100
pA
IIO
Input offset current
VIC = VS/2,
VO = VS/2,
≤125°C
1000
pA
VIC = VS/2,
VO = VS/2,
RL = 100 kΩ,RS = 50 Ω
≤25°C
1
60
IIB
Input bias current
L
S
≤70°C
200
pA
IIB
Input bias current
≤125°C
1000
pA
ri(d)
Differential input resistance
25
°C
1000
G
Ω
CIC
Common-mode input capacitance
f = 1 kHz
25
°C
8
pF
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IQ
Quiescent current (per channel)
VO = VS/2
25
°C
7
11
A
IQ
Quiescent current (per channel)
VO = VS/2
Full range
16
µA
PSRR
Power supply rejection ratio (
∆VS/∆VIO)
VS = 2.7 V to 16 V,
No load,
25
°C
74
82
dB
PSRR
Power supply rejection ratio (
∆VS/∆VIO)
VS = 2.7 V to 16 V,
VIC = VS/2 V
No load,
Full range
70
dB
† Full range is –40°C to 125°C for I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com