Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMW3260DB-TPOU Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PMW3260DB-TPOU
Description  Ultra Low Power LED Optical Mouse Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3260DB-TPOU Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PMW3260DB-TPOU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 9Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 10Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 11Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 12Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 13Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 14Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
PMW3260DB Product Datasheet
Ultra Low Power LED Optical Mouse Sensor
PixArt Imaging Inc.
Version 1.50 | 05 May 2016 | 11001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
4.2
Layout Guidelines
 Insert the integrated sensor and all other electrical components into PCB.
 Wave-solder the entire assembly in a no-wash solder process utilizing solder-fixture. A solder-fixture is required to
protect the sensor from flux spray and wave solder.
 Avoid getting any solder flux onto the sensor body as there is potential for flux to seep into the sensor package. The
solder fixture should be designed to expose only the sensor leads to flux spray & molten solder while shielding the
sensor body and optical apertures. The fixture should also set the sensor at the correct position and height on the
PCB.
 Place the lens onto the base plate. Care must be taken to avoid contamination on the optical surfaces.
 Remove the protective kapton tapes from optical apertures of the sensor. Care must be taken to prevent
contaminants from entering the apertures. Do not place the PCB with the sensor facing up during the entire product
assembly process. Hold the PCB vertically when removing kapton tape.
 Remove the protective kapton tapes from optical apertures of the sensor. Care must be taken to prevent
contaminants from entering the apertures. Do not place the PCB with the sensor facing up during the entire mouse
assembly process. Hold the PCB vertically when removing kapton tape.
 Insert PCB assembly over the lens onto the base plate aligning post to retain PCB assembly. The sensor package will
self-align to the lens via the guide posts. The optical position reference for the PCB is set by the base plate and lens.
Note that the PCB motion due to button presses must be minimized to maintain optical alignment.
 Install mouse top case. There must be a feature in the top case to press down onto the PCB assembly to ensure all
components are stacked or interlocked to the correct vertical height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com