Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMW3260DB-TPOU Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PMW3260DB-TPOU
Description  Ultra Low Power LED Optical Mouse Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3260DB-TPOU Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PMW3260DB-TPOU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3260DB-TPOU Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
PMW3260DB Product Datasheet
Ultra Low Power LED Optical Mouse Sensor
PixArt Imaging Inc.
Version 1.50 | 05 May 2016 | 11001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Operating Specifications
2.1
Absolute Maximum Ratings
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are the stress ratings only and functional operation of the device at these or any other condition beyond those
indicated for extended period of time may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temperature
TSOLDER
260
°C
For 10 seconds, 1.6mm below
seating plane
Supply Voltage
VDD
-0.5
2.05
V
Including VNA of 100 mVpp
ESD
ESDHBM
2
kV
All pins, Human Body Model MIL
883 Method 3015
Input Voltage
VIN
-0.5
Vdd+0.5
V
All digital pins
Output Latch up Current
mA
200
All digital pins
Notes:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are the stress
ratings only and functional operation of the device at these or any other condition beyond those indicated for extended period of time may
affect device reliability.
2.
The maximum ratings do not reflect eye-safe operation.
3.
The inherent design of this component causes it to be sensitive to electrostatic discharge. The ESD threshold is listed above. To prevent ESD
induced damage, take adequate ESD precautions when handling this product
2.2
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Description
Symbol
Min.
Typ.
Max.
Unit Notes
Operating Temperature
TA
0
40
°C
Power Supply Voltage
VDD
1.70
1.8
2.00
V
Including VNA of 100 mVpp
Power Supply Rise Time
tRT
0.15
20
ms 0 to VDD
Supply Noise (Sinusoidal)
VNA
100
mVp-p 10kHz – 50MHz
Serial Port Clock
Frequency
fSCLK
2
MHz
Active drive, 50% duty cycle
Distance from Lens
Reference Plane to
Tracking Surface
Z
2.20
2.40
2.60
mm
Results in +/-0.2 mm minimum
DOF.
Speed
S
30
ips
Acceleration
A
10
g
Load Capacitance
Cout
100
pF
SDIO and MOTION
Note: PixArt does not guarantee the sensor performance if the operating temperature is beyond the specified limit.
2.3
Thermal Specifications
Table 4. Thermal Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Notes
Storage Temperature
TS
-25
-
80
°C
Lead-free Solder Temperature
TP
-
-
260
°C
For 10 seconds, 1.6mm below
seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com