Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6218WM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6218WM
Description  Fast Settling Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6218WM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6218WM Datasheet HTML 1Page - National Semiconductor (TI) LM6218WM Datasheet HTML 2Page - National Semiconductor (TI) LM6218WM Datasheet HTML 3Page - National Semiconductor (TI) LM6218WM Datasheet HTML 4Page - National Semiconductor (TI) LM6218WM Datasheet HTML 5Page - National Semiconductor (TI) LM6218WM Datasheet HTML 6Page - National Semiconductor (TI) LM6218WM Datasheet HTML 7Page - National Semiconductor (TI) LM6218WM Datasheet HTML 8Page - National Semiconductor (TI) LM6218WM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (Continued)
Note 3: The inputs are shunted with three series-connected diodes back-to-back for input differential clamping. Therefore differential input voltages greater than
about 1.8V will cause excessive current to flow unless limited to less than 10 mA.
Note 4: Current limiting protects the output from a short to ground or any voltage less than the supplies. With a continuous overload, the package dissipation must
be taken into account and heat sinking provided when necessary.
Note 5: Devices must be derated using a thermal resistance of 90˚C/W for the N and WM packages.
Note 6: Limits are guaranteed by testing or correlation.
Typical Performance Characteristics
Input Bias Current
DS010254-25
Input Noise Voltage
DS010254-26
Common Mode Limits
DS010254-27
Common Mode Rejection
DS010254-28
Power Supply Rejection
DS010254-29
Frequency Response
High Frequency
DS010254-30
Unity Gain Bandwidth
DS010254-31
Unity Gain Bandwidth
vs Output Load
DS010254-32
Large Signal Response
(Sine Wave)
DS010254-33
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com