Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6218WM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6218WM
Description  Fast Settling Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6218WM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6218WM Datasheet HTML 2Page - National Semiconductor (TI) LM6218WM Datasheet HTML 3Page - National Semiconductor (TI) LM6218WM Datasheet HTML 4Page - National Semiconductor (TI) LM6218WM Datasheet HTML 5Page - National Semiconductor (TI) LM6218WM Datasheet HTML 6Page - National Semiconductor (TI) LM6218WM Datasheet HTML 7Page - National Semiconductor (TI) LM6218WM Datasheet HTML 8Page - National Semiconductor (TI) LM6218WM Datasheet HTML 9Page - National Semiconductor (TI) LM6218WM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics (Continued)
Application Information
General
The LM6118/LM6218 are high-speed, fast-settling dual
op-amps. To insure maximum performance, circuit board lay-
out is very important. Minimizing stray capacitance at the in-
puts and reducing coupling between the amplifier’s input and
output will minimize problems.
Supply Bypassing
To assure stability, it is recommended that each power sup-
ply pin be bypassed with a 0.1 µF low inductance capacitor
near the device. If high frequency spikes from digital circuits
or switching supplies are present, additional filtering is rec-
ommended. To prevent these spikes from appearing at the
output, R-C filtering of the supplies near the device may be
necessary.
Power Dissipation
These amplifiers are specified to 20 mA output current. If ac-
companied with high supply voltages, relatively high power
dissipation in the device will occur, resulting in high junction
temperatures. In these cases the package thermal resis-
tance must be taken into consideration. (See Note 5 under
Electrical Characteristics.) For high dissipation, an N pack-
age with large areas of copper on the pc board is recom-
mended.
Amplifier Shut Down
If one of the amplifiers is not used, it can be shut down by
connecting both the inverting and non-inverting inputs to the
V− pin. This will reduce the power supply current by approxi-
mately 25%.
Capacitive Loading
Maximum capacitive loading is about 50 pF for a closed-loop
gain of +1, before the amplifier exhibits excessive ringing
and becomes unstable. A curve showing maximum capaci-
tive loads, with different closed-loop gains, is shown in the
Typical Performance Characteristics section.
To drive larger capacitive loads at low closed-loop gains, iso-
late the amplifier output from the capacitive load with 50
Ω.
Connect a small capacitor directly from the amplifier output
to the inverting input. The feedback loop is closed from the
isolated output with a series resistor to the inverting input.
Amplifier to Amplifier Coupling
DS010254-23
Settling Time, Vs = ±15V
DS010254-7
Step Response, Av = +1, Vs = ±15V
DS010254-8
Step Response, Av = −1, Vs = ±15V
DS010254-9
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com