Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT138
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT138 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT138 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BT138
FEATURES
·
With TO-220 package
·
Glass passivated triacs in a plastic envelope, Intended
for use in general purpose bidirectional switching and
phase control applications, where high sensitivity is
required in all our quadrants.
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)
12
A
ITSM
Non-repetitive peak on-state current
95
A
PGM
Peak gate power dissipation
5
W
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-45~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125℃
0.02
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125℃
0.02
0.5
mA
IGT
Gate trigger current
Ⅰ
VD=12V; IT= 0.1A, RL= 30Ω
30
mA
Ⅱ
30
Ⅲ
30
Ⅳ
70
VTM
On-state voltage
IT= 15A
1.65
V
IH
Holding current
IGT= 0.1A, VD= 12V
60
mA
VGT
Gate trigger voltage
VD=12V; RL= 30Ω all quadrant
1.5
V


Similar Part No. - BT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 PHILIPS-BT138 Datasheet
48Kb / 6P
Triacs
September 1997 Rev 1.200
BT138 PHILIPS-BT138 Datasheet
47Kb / 6P
Triacs sensitive gate
September 1997 Rev 1.200
logo
Unisonic Technologies
BT138 UTC-BT138 Datasheet
182Kb / 5P
TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
TRIACS
More results

Similar Description - BT138

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com