Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS8100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DLS8100
Description  VDSL Wireline Simulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DLS8100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DLS8100 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 2Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 3Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bypass.
0 Length.
ONU
NT
700-5150 ft
(8150 ft in extended module)
(adjustable in 50 ft increments).
ONU
NT
26 AWG (TP1) or 24 AWG (TP2).
Bridge Tap
50 ft
700-5150 ft
(8150 ft in extended module)
(adjustable in 50 ft increments).
ONU
NT
26 AWG (TP1) or 24 AWG (TP2).
Attenuation of ANSI Loop 1 with 1.5, 3.0 and 4.5 kft of
26 AWG (TP2) cable.
Attenuation of ANSI Loop VDSL with Bridged tap for
700 ft of 26 AWG (TP1) cable.
Input Impedance at ONU end of ANSI Loop VDSL1, 1.0 kft of
TP1 Cable with Bridged Tap.
VDSL 1 with Bridged Tap.
VDSL 1.
Sales Information:
North America: (800) 927 2660
International: +33(0)1 61 37 2250
dls.spirentcom.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com