Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS8100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DLS8100
Description  VDSL Wireline Simulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DLS8100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DLS8100 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 2Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 3Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Loop VDSL1 simulates twisted pair wire type TP1 and TP2, as defined by the ANSI committee. TP1 is similar to USA standard 26 AWG
cable and European 0.4 mm cable, while TP2 is similar to USA standard 24 AWG cable and European 0.5 mm cable. The loop can be
incremented from 700 – 5150 ft in 50 ft steps or extended out to 8150 ft in 50 ft steps.
Loop VDSL1 with Bridged Tap simulates the VDSL1 loop for TP1 and TP2 as defined by the ANSI committee, with the addition of a
50 ft bridged tap at one end. This simulates the cable topology often found on user’s premises.
Extended Noise Injection ports are available for the input of Common Mode noise and Differential Mode noise, at either end of the
simulated loop.
All That You Need
n Remote operation makes the unit quick and easy to use
n DC path allows testing of remote powered units
n Full parameter simulation gives high fidelity to signal reflections and mismatch effects
n High dynamic range accommodates all types of VDSL modems
n Low noise design means high quality simulation
n Flexible design accommodates external noise injection
n Conformance to ANSI standards
n Test all VDSL access equipment
n Linecode independent simulation
n Architecture allows full bi-directional testing
Technology
Cable simulation using AC coupled active circuitry and a separate DC/POTS path.
Cable length simulated:
700 ft to 5150 ft in 50 ft increments (optional to 8150 ft).
Cable simulated:
Balanced twisted pair.
Cable impedance:
Complex, varies over frequency with length and gauge.
# of conductors:
2.
Types of cables:
26 AWG (TP1) and/or 24 AWG (TP2).
Length of cable
VDSL 0
0 ft.
VDSL 1
700 ft to 5150 ft (option to 8150 ft).
VDSL 1 with
Bridged Tap:
700 ft to 5150 ft (option to 8150 ft) + 50 ft Bridged Tap.
DC rating:
100 V between Tip and Ring Max 100 mA DC current.
Bandwidth:
DC to 4 kHz, 0.1 MHz to 30 MHz.
DLS 8100 - VDSL Wireline Simulator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com