Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV21 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BUV21
Description  SWITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV21 Datasheet(HTML) 1 Page - ON Semiconductor

  BUV21 Datasheet HTML 1Page - ON Semiconductor BUV21 Datasheet HTML 2Page - ON Semiconductor BUV21 Datasheet HTML 3Page - ON Semiconductor BUV21 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 11
1
Publication Order Number:
BUV21/D
BUV21
SWITCHMODEt Series
NPN Silicon Power
Transistor
This device is designed for high speed, high current, high power
applications.
Features
• High DC Current Gain:
hFE min = 20 at IC = 12 A
• Low VCE(sat), VCE(sat)
max = 0.6 V at IC = 8 A
• Very Fast Switching Times:
TF max = 0.4
ms at IC = 25 A
• These are Pb−Free Devices*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO(SUS)
200
Vdc
Collector−Base Voltage
VCBO
250
Vdc
Emitter−Base Voltage
VEBO
7
Vdc
Collector−Emitter Voltage (VBE = −1.5 V)
VCEX
250
Vdc
Collector−Emitter Voltage (RBE = 100 W)
VCER
240
Vdc
Collector−Current − Continuous
− Peak (PW v 10 ms)
IC
ICM
40
50
Adc
Apk
Base−Current Continuous
IB
8
Adc
Total Device Dissipation @ TC = 25_C
PD
250
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to 200
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
0.7
_C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
40 AMPERES
NPN SILICON POWER
METAL TRANSISTOR
200 VOLTS − 250 WATTS
http://onsemi.com
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
BUV21G
TO−204
(Pb−Free)
100 Units / Tray
BUV21G
AYWW
MEX
TO−204AE (TO−3)
CASE 197A
STYLE 1
BUV21 = Device Code
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MEX
= Country of Origin
BASE
1
EMITTER 2
COLLECTOR
CASE
NPN
1
2


Similar Part No. - BUV21

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
logo
ON Semiconductor
BUV21 ONSEMI-BUV21 Datasheet
139Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
logo
Seme LAB
BUV21 SEME-LAB-BUV21 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
ON Semiconductor
BUV21 ONSEMI-BUV21 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
logo
Savantic, Inc.
BUV21 SAVANTIC-BUV21 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUV20 ONSEMI-BUV20 Datasheet
62Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
logo
Motorola, Inc
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
BUV21 ONSEMI-BUV21_06 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
BUV22 ONSEMI-BUV22_06 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
BUV26 ONSEMI-BUV26 Datasheet
46Kb / 3P
Switchmode Series NPN Silicon Power Transistor
August, 2005 ??Rev. 1
BUH50G ONSEMI-BUH50G Datasheet
253Kb / 8P
SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
BUH100G ONSEMI-BUH100G Datasheet
251Kb / 10P
SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
BUH150G ONSEMI-BUH150G Datasheet
243Kb / 10P
SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
BUV26 ONSEMI-BUV26_11 Datasheet
87Kb / 3P
Switchmode Series NPN Silicon Power Transistor
July, 2011 ??Rev. 2
logo
New Jersey Semi-Conduct...
BUV26 NJSEMI-BUV26 Datasheet
132Kb / 3P
Switchmode Series NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com