Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV21 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUV21
Description  SWITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV21 Datasheet(HTML) 2 Page - ON Semiconductor

  BUV21 Datasheet HTML 1Page - ON Semiconductor BUV21 Datasheet HTML 2Page - ON Semiconductor BUV21 Datasheet HTML 3Page - ON Semiconductor BUV21 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUV21
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 1)
Collector−Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
VCEO(sus)
200
Vdc
Collector Cutoff Current at Reverse Bias:
(VCE = 250 V, VBE = −1.5 V)(TC = 25_C unless otherwise noted)
(VCE = 250 V, VBE = −1.5 V, TC = 125_C)
ICEX
3.0
12.0
mAdc
Collector−Emitter Cutoff Current
(VCE = 160 V)
ICEO
3.0
mAdc
Emitter−Base Reverse Voltage
(IE = 50 mA)
VEBO
7
V
Emitter−Cutoff Current
(VEB = 5 V)
IEBO
1.0
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
(VCE = 20 V, t = 1 s)
(VCE = 140 V, t = 1 s)
IS/b
12
0.15
Adc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 12 A, VCE = 2 V)
(IC = 25 A, VCE = 4 V)
hFE
20
10
60
Collector−Emitter Saturation Voltage
(IC = 12 A, IB = 1.2 A)
(IC = 25 A, IB = 3 A)
VCE(sat)
0.6
1.5
Vdc
Base−Emitter Saturation Voltage
(IC = 25 A, IB = 3 A)
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(VCE = 15 V, IC = 2 A, f = 4 MHz)
fT
8.0
MHz
SWITCHING CHARACTERISTICS (Resistive Load)
Turn-on Time
(IC = 25 A, IB1 = IB2 = 3 A,
VCC = 100 V, RC = 4 W)
ton
1.0
ms
Storage Time
ts
1.8
Fall Time
tf
0.4
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
Figure 1. Power Derating
1.0
0
TC, TEMPERATURE (°C)
40
80
160
200
0.4
0.8
0.6
0.2
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com