Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0630 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL0630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0630 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL0630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Figure 4. Input Diode Forward
Characteristic.
Figure 3. Low Level Output
Voltage vs. Temperature.
Figure 2. High Level Output
Current vs. Temperature.
V
= 5.5 V
I
= 5.0 mA
CC
F
0.5
0.4
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
0.3
80
40
0
-40
0.1
0.2
I
= 16 mA
O
I
= 12.8 mA
O
I
= 9.6 mA
O
I
= 6.4 mA
O
V
= 5.5 V
V
= 5.5 V
I
= 250
µA
F
O
CC
15
10
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
5
80
40
0
-40
0
V - FOWARD VOLTAGE - VOLTS
F
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
I F
VF
+
_
T = 25
°C
A
Figure 8. Propagation Delay vs.
Temperature.
V
= 5.0 V
I
= 7.5 mA
CC
F
100
80
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
60
80
40
0
-40
0
40
20
t
, R = 4 K
Ω
PLH
L
t
, R = 1 K
Ω
PLH
L
t
, R = 350
Ω
PLH
L
t
, R = 350
Ω
PHL
L
1 K
Ω
4 K
Ω
Figure 7. Test Circuit for t
PHL and tPLH (See Note 3).
1.5 V
tPHL
t PLH
I
F
INPUT
O
V
OUTPUT
I
= 7.50 mA
F
I
= 3.75 mA
F
1
6
2
3
4
5
12
3
4
5
6
I – FORWARD INPUT CURRENT – mA
F
R = 1K
Ω
L
R = 4K
Ω
L
R = 350
Ω
L
0
0
=
=
V
T
5 V
25
°C
A
CC
Figure 5. Output Voltage vs.
Forward Input Current.
Figure 6. Low Level Output
Current vs. Temperature.
V
= 5.0 V
V
= 0.6 V
CC
OL
80
60
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
40
80
40
0
-40
0
I = 10 mA, 15 mA
F
20
I = 5.0 mA
F
PULSE GEN.
Z = 50
Ω
t = 5 ns
O
r
+5 V
L
R
I
F
RM
C *
L
*C
IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
OUTPUT
V
O
I N
1
2
3
45
6
8
CC
V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com